Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDC Datasheet(PDF) 8 Page - STMicroelectronics

Part # IIS2MDC
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 4Page - STMicroelectronics IIS2MDC Datasheet HTML 5Page - STMicroelectronics IIS2MDC Datasheet HTML 6Page - STMicroelectronics IIS2MDC Datasheet HTML 7Page - STMicroelectronics IIS2MDC Datasheet HTML 8Page - STMicroelectronics IIS2MDC Datasheet HTML 9Page - STMicroelectronics IIS2MDC Datasheet HTML 10Page - STMicroelectronics IIS2MDC Datasheet HTML 11Page - STMicroelectronics IIS2MDC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Block diagram and pin description
IIS2MDC
8/40
DocID030986 Rev 1
Table 2. Pin description
Pin#
Name
Function
1
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
2
NC
Internally not connected. Can be tied to Vdd, Vdd_IO or GND.
3CS
I2C/SPI mode selection
(1: SPI idle mode / I2C communication enabled;
0: SPI communication mode / I2C disabled)
4
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
C1
Capacitor connection (C1 = 220 nF)
6
GND
Connected to GND
7
INT/DRDY
Interrupt/data-ready signal
8
GND
0 V
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11
NC
Internally not connected. Can be tied to Vdd, Vdd_IO or GND.
12
NC
Internally not connected. Can be tied to Vdd, Vdd_IO or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com