Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDC Datasheet(PDF) 11 Page - STMicroelectronics

Part # IIS2MDC
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 7Page - STMicroelectronics IIS2MDC Datasheet HTML 8Page - STMicroelectronics IIS2MDC Datasheet HTML 9Page - STMicroelectronics IIS2MDC Datasheet HTML 10Page - STMicroelectronics IIS2MDC Datasheet HTML 11Page - STMicroelectronics IIS2MDC Datasheet HTML 12Page - STMicroelectronics IIS2MDC Datasheet HTML 13Page - STMicroelectronics IIS2MDC Datasheet HTML 14Page - STMicroelectronics IIS2MDC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
DocID030986 Rev 1
11/40
IIS2MDC
Module specifications
40
2.4
Communication interface characteristics
2.4.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and Top.
Figure 3. SPI slave timing diagram
Note:
Values are guaranteed at 10 MHz clock frequency for SPI with 3 wires, based on
characterization results, not tested in production.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both input and output
ports.
Table 6. SPI slave timing values
Symbol
Parameter
Value (1)
Unit
Min
Max
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
5
ns
th(CS)
CS hold time
20
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
5
tdis(SO)
SDO output disable time
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com