Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDC Datasheet(PDF) 29 Page - STMicroelectronics

Part # IIS2MDC
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC Datasheet(HTML) 29 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 25Page - STMicroelectronics IIS2MDC Datasheet HTML 26Page - STMicroelectronics IIS2MDC Datasheet HTML 27Page - STMicroelectronics IIS2MDC Datasheet HTML 28Page - STMicroelectronics IIS2MDC Datasheet HTML 29Page - STMicroelectronics IIS2MDC Datasheet HTML 30Page - STMicroelectronics IIS2MDC Datasheet HTML 31Page - STMicroelectronics IIS2MDC Datasheet HTML 32Page - STMicroelectronics IIS2MDC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DocID030986 Rev 1
29/40
IIS2MDC
Register description
40
8
Register description
8.1
OFFSET_X_REG_L (45h) and OFFSET_X_REG_H (46h)
These registers comprise a 16-bit register and represent X hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.2
OFFSET_Y_REG_L (47h) and OFFSET_Y_REG_H (48h)
These registers comprise a 16-bit register and represent Y hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.3
OFFSET_Z_REG_L (49h) and OFFSET_Z_REG_H (4Ah)
These registers comprise a 16-bit register and represent Z hard-iron offset in order to
compensate environmental effects (data in two’s complement). These values act on the
magnetic output data value in order to delete the environmental offset.
8.4
WHO_AM_I (4Fh)
The identification register is used to identify the device.
01000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com