Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDC Datasheet(PDF) 17 Page - STMicroelectronics

Part # IIS2MDC
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC Datasheet(HTML) 17 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 13Page - STMicroelectronics IIS2MDC Datasheet HTML 14Page - STMicroelectronics IIS2MDC Datasheet HTML 15Page - STMicroelectronics IIS2MDC Datasheet HTML 16Page - STMicroelectronics IIS2MDC Datasheet HTML 17Page - STMicroelectronics IIS2MDC Datasheet HTML 18Page - STMicroelectronics IIS2MDC Datasheet HTML 19Page - STMicroelectronics IIS2MDC Datasheet HTML 20Page - STMicroelectronics IIS2MDC Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
DocID030986 Rev 1
17/40
IIS2MDC
Functionality
40
The following table summarizes the turn-on time of the device in the two different power
modes with the offset cancellation function enabled or disabled (see Section : Where
Current_consumption_in_power_down and Current_consumption_10Hz can be found,
respectively, in Table 5 and Table 11.).
The IIS2MDC offers single measurement mode in both high-resolution and low-power
modes.
Single measurement mode is enabled by writing bits MD[1:0] to '01' in CFG_REG_A (60h).
In single measurement mode, once the measurement has been performed, the DRDY pin is
set to high, data is available in the output register and the IIS2MDC is automatically
configured in idle mode by setting the MD[1] bit to '1'.
Single measurement is independent of the programmed ODR but depends on the frequency
at which the MD[1:0] bits are written by the microcontroller/application processor.
Maximum ODR frequency achievable in single mode measurement is given in the following
table.
In single measurement mode, for ODR < 10 Hz, current consumption can be calculated with
the following formula:
(Current_consumption_10Hz - Current_consumption_in_power_down) / (10 Hz / ODR) +
Current_consumption_in_power_down
Where Current_consumption_in_power_down and Current_consumption_10Hz can be
found, respectively, in Table 5 and Table 11.
Table 12. Operating mode and turn-on time
Operating mode
Turn-on time
CFG_REG_A[LP]
CFG_REG_A[OFF_CANC = 0]
CFG_REG_A[OFF_CANC = 1]
0 (high-resolution)
9.4 ms
9.4 ms + 1/ODR
1 (low-power)
6.4 ms
6.4 ms + 1/ODR
Table 13. Maximum ODR in single measurement mode (HR and LP modes)
Maximum ODR
Power mode (CFG_REG_A[LP])
100 Hz
High resolution (LP = ‘0’)
150 Hz
Low power (LP = ‘1’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com