Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDC Datasheet(PDF) 16 Page - STMicroelectronics

Part # IIS2MDC
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 12Page - STMicroelectronics IIS2MDC Datasheet HTML 13Page - STMicroelectronics IIS2MDC Datasheet HTML 14Page - STMicroelectronics IIS2MDC Datasheet HTML 15Page - STMicroelectronics IIS2MDC Datasheet HTML 16Page - STMicroelectronics IIS2MDC Datasheet HTML 17Page - STMicroelectronics IIS2MDC Datasheet HTML 18Page - STMicroelectronics IIS2MDC Datasheet HTML 19Page - STMicroelectronics IIS2MDC Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Functionality
IIS2MDC
16/40
DocID030986 Rev 1
4
Functionality
4.1
Power modes
The IIS2MDC provides two different power modes: high-resolution and low-power modes.
The tables below summarize the RMS noise values and current consumption in different
product configurations.
When the low-pass filter is enabled, the bandwidth is reduced while noise performance is
improved without any increase in power consumption.
Table 10. RMS noise of operating modes
CFG_REG_B[LPF]
or
CFG_REG_B[OFF_CANC]
(CFG_REG_A[LP = 0])
high-resolution mode
(CFG_REG_A[LP = 1])
low-power mode
BW [Hz]
Noise RMS [mg]
BW [Hz]
Noise RMS [mg]
0 (disable)
ODR/2
4.5
ODR/2
9
1 (enable)
ODR/4
3
ODR/4
6
Table 11. Current consumption of operating modes
ODR
(Hz)
Current consumption
(μA)
(CFG_REG_A
[LP] = 0)
high-resolution
CFG_REG_B
[OFF_CANC] = 0
Current consumption
(μA)
(CFG_REG_A
[LP] = 1)
low-power
CFG_REG_B
[OFF_CANC] = 0
Current consumption
(μA)
(CFG_REG_A
[LP] = 0)
high-resolution
CFG_REG_B
[OFF_CANC] = 1
Current consumption
(μA)
(CFG_REG_A
[LP] = 1)
low-power
CFG_REG_B
[OFF_CANC] = 1
10
100
25
120
50
20
200
50
235
100
50
475
125
575
235
100
950
250
1130
460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com