Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2MDC Datasheet(PDF) 34 Page - STMicroelectronics

Part # IIS2MDC
Description  High-accuracy, ultra-low-power, 3-axis digital output magnetometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2MDC Datasheet(HTML) 34 Page - STMicroelectronics

Back Button IIS2MDC Datasheet HTML 30Page - STMicroelectronics IIS2MDC Datasheet HTML 31Page - STMicroelectronics IIS2MDC Datasheet HTML 32Page - STMicroelectronics IIS2MDC Datasheet HTML 33Page - STMicroelectronics IIS2MDC Datasheet HTML 34Page - STMicroelectronics IIS2MDC Datasheet HTML 35Page - STMicroelectronics IIS2MDC Datasheet HTML 36Page - STMicroelectronics IIS2MDC Datasheet HTML 37Page - STMicroelectronics IIS2MDC Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Register description
IIS2MDC
34/40
DocID030986 Rev 1
8.12
STATUS_REG (67h)
The status register is an 8-bit read-only register. This register is used to indicate device
status.
Table 40. STATUS_REG register
Table 41. STATUS_REG register description
8.13
OUTX_L_REG, OUTX_H_REG (68h - 69h)
The data output X registers are two 8-bit registers, data output X MSB register (69h) and
output X LSB register (68h).
The output data represents the raw magnetic data only if OFFSET_X_REG is equal to zero,
otherwise hard-iron calibration is included.
Table 42. OUTX_L_REG register
Table 43. OUTX_H_REG register
The value of the magnetic field is expressed in two’s complement. This register contains the
X component of the magnetic data.
Zyxor
zor
yor
xor
Zyxda
zda
yda
xda
Zyxor
X-, Y- and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous set).
zor
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data).
yor
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data).
xor
X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data).
Zyxda
X-, Y- and Z-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available).
zda
Z-axis new data available. Default value: 0
(0: a new data for the Z-axis is not yet available; 1: a new data for the Z-axis is available)
yda
Y-axis new data available. Default value: 0
(0: a new data for the Y-axis is not yet available; 1: a new data for the Y-axis is available)
xda
X-axis new data available. Default value: 0
(0: a new data for the X-axis is not yet available; 1: a new data for the X-axis is available)
0
0
0
0
0000
0
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com