Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28344PVC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28344PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28344PVC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28344PVC Datasheet HTML 1Page - Cypress Semiconductor CY28344PVC Datasheet HTML 2Page - Cypress Semiconductor CY28344PVC Datasheet HTML 3Page - Cypress Semiconductor CY28344PVC Datasheet HTML 4Page - Cypress Semiconductor CY28344PVC Datasheet HTML 5Page - Cypress Semiconductor CY28344PVC Datasheet HTML 6Page - Cypress Semiconductor CY28344PVC Datasheet HTML 7Page - Cypress Semiconductor CY28344PVC Datasheet HTML 8Page - Cypress Semiconductor CY28344PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PRELIMINARY
CY28344
Document #: 38-07113, Rev. *A
Page 5 of 22
Data Byte Configuration Map
Table 3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bit
2:8
Slave address – 7 bit
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bit
“1xxxxxxx” stands for byte operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
11:18
Command Code – 8 bit
“1xxxxxxx” stands for byte operation
bit[6:0] of the command code represents the
offset of the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not acknowledge
39
Stop
Data Byte 0
Bit
Pin#
Name
Description
Power On
Default
Bit 7
--
SEL3
SW Frequency selection bits. See Table 4.0
Bit 6
--
SEL2
0
Bit 5
--
SEL1
0
Bit 4
--
SEL0
0
Bit 3
--
FS_Override
0 = Select operating frequency by FS[4:0] input pins
1 = Select operating frequency by SEL[4:0] settings
0
Bit 2
--
SEL4
SW Frequency selection bits. See Table 4.0
Bit 1
--
Spread Spectrum Enable
0 = OFF; 1 = Enabled
0
Bit 0
--
Reserved
Reserved
0
Data Byte 1
Bit
Pin#
Name
Description
Power On
Default
Bit 7
40, 39
CPU2, CPU2#
(Active/Inactive)
1
Bit 6
44, 43
CPU1, CPU1#
(Active/Inactive)
1
Bit 5
47, 46
CPU0, CPU0#
(Active/Inactive)
1
Bit 4
--
Latched FS4 input
Latched FS[4:0] inputs. These bits are Read-only.
X
Bit 3
--
Latched FS3 input
X
Bit 2
--
Latched FS2 input
X
Bit 1
--
Latched FS1 input
X
Bit 0
--
Latched FS0 input
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com