Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28344PVC Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY28344PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28344PVC Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY28344PVC Datasheet HTML 14Page - Cypress Semiconductor CY28344PVC Datasheet HTML 15Page - Cypress Semiconductor CY28344PVC Datasheet HTML 16Page - Cypress Semiconductor CY28344PVC Datasheet HTML 17Page - Cypress Semiconductor CY28344PVC Datasheet HTML 18Page - Cypress Semiconductor CY28344PVC Datasheet HTML 19Page - Cypress Semiconductor CY28344PVC Datasheet HTML 20Page - Cypress Semiconductor CY28344PVC Datasheet HTML 21Page - Cypress Semiconductor CY28344PVC Datasheet HTML 22Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
PRELIMINARY
CY28344
Document #: 38-07113, Rev. *A
Page 20 of 22
Test Circuit
Ordering Information
Ordering Code
Package Type
Operating Range
CY28344PVC
48-pin Small Shrunk Outline Package (SSOP)
Commercial
Note: All capacitors must be placed as close to the pins as is physically possible.
4, 8, 14, 19, 25, 29, 32, 36, 42
VDD_REF, VDD_PCI,
OUTPUTS
Note: Each supply pin must have an individual decoupling capacitor.
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
Rs
Rs
Rp
Rp
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
7, 13, 18, 24, 30, 33, 41, 45
0.7V amplitude: RS = 33 ohm, RP = 50 ohm
0.7V Test Load
2pF
2pF
4, 8, 14, 19, 25, 29, 32, 36, 42
VDD_REF, VDD_PCI,
OUTPUTS
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
7, 13, 18, 24, 30, 33, 41, 45
1.0V Test Load
2pF
2pF
33
33
63.4
63.4
475
1.0V Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com