Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28344PVC Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY28344PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28344PVC Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY28344PVC Datasheet HTML 14Page - Cypress Semiconductor CY28344PVC Datasheet HTML 15Page - Cypress Semiconductor CY28344PVC Datasheet HTML 16Page - Cypress Semiconductor CY28344PVC Datasheet HTML 17Page - Cypress Semiconductor CY28344PVC Datasheet HTML 18Page - Cypress Semiconductor CY28344PVC Datasheet HTML 19Page - Cypress Semiconductor CY28344PVC Datasheet HTML 20Page - Cypress Semiconductor CY28344PVC Datasheet HTML 21Page - Cypress Semiconductor CY28344PVC Datasheet HTML 22Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
PRELIMINARY
CY28344
Document #: 38-07113, Rev. *A
Page 19 of 22
Layout Example
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
6
7
13
19
20
24
1
2
3
4
5
8
9
11
12
14
15
16
17
22
23
21
32
31
18
33
10
28
27
26
25
29
30
FB
+3.3V Supply
C2
10
µF
FB = Dale ILB1206 – 300 or 2TDKACB2012L – 120 or 2 Murata BLM21B601S
0.005
µF
G
G
VDDQ3
C1
G
V
G
V
G
V
G
V
G
V
G
G
VDDQ3
C5
C6
8Ω
G
V
G
G
G
G
G
V
*Option B
G
G
G
G
G
G
G
G
G
G
G
Core
G
V
G
*Option A
G
Ceramic Caps C1 = 10 – 22
µF C2 = 0.005 µF C5 = 0.1 µF C6 = 10 µF
G = VIA to GND plane layer V = VIA to respective supply plane layer
Note. Each supply plane or strip should have a ferrite bead and capacitors.
* If on-board video uses 48 MHz or Dot clock uses Option B
All bypass caps on VDD pin = 0.1 uF Low ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com