Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28344PVC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28344PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28344PVC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28344PVC Datasheet HTML 5Page - Cypress Semiconductor CY28344PVC Datasheet HTML 6Page - Cypress Semiconductor CY28344PVC Datasheet HTML 7Page - Cypress Semiconductor CY28344PVC Datasheet HTML 8Page - Cypress Semiconductor CY28344PVC Datasheet HTML 9Page - Cypress Semiconductor CY28344PVC Datasheet HTML 10Page - Cypress Semiconductor CY28344PVC Datasheet HTML 11Page - Cypress Semiconductor CY28344PVC Datasheet HTML 12Page - Cypress Semiconductor CY28344PVC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PRELIMINARY
CY28344
Document #: 38-07113, Rev. *A
Page 9 of 22
Data Byte 10
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
CPU_Skew2
CPU skew control
000 = Normal
001 = –150 ps
010 = –300 ps
011 = –450 ps
100 = +150 ps
101 = +300 ps
110 = +450 ps
111 = +600 ps
0
Bit 6
--
CPU_Skew1
0
Bit 5
--
CPU_Skew0
0
Bit 4
--
Reserved
Reserved
0
Bit 3
--
PCI_Skew1
PCI skew control
00 = Normal
01 = –500 ps
10 = Reserved
11 = +500 ps
0
Bit 2
--
PCI_Skew0
0
Bit 1
--
3V66_Skew1
3V66 skew control
00 = Normal
01 = –150 ps
10 = +150 ps
11 = +300 ps
0
Bit 0
--
3V66_Skew0
0
Data Byte 11
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
ROCV_FREQ_N7
If ROCV_FREQ_SEL is set, the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] will be
used to determine the recovery CPU output frequency
when a Watchdog timer time-out occurs.
The setting of FS_Override bit determines the frequency
ratio for CPU and other output clocks. When FS_Override
bit is cleared, the same frequency ratio stated in the
Latched FS[4:0] register will be used. When it is set, the
frequency ratio stated in the SEL[4:0] register will be used.
0
Bit 6
--
ROCV_FREQ_N6
0
Bit 5
--
ROCV_FREQ_N5
0
Bit 4
--
ROCV_FREQ_N4
0
Bit 3
--
ROCV_FREQ_N3
0
Bit 2
--
ROCV_FREQ_N2
0
Bit 1
--
ROCV_FREQ_N1
0
Bit 0
--
ROCV_FREQ_N0
0
Data Byte 12
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
ROCV_FREQ_SEL
ROCV_FREQ_SEL determines the source of the recover
frequency when a Watchdog timer time-out occurs. The
clock generator will automatically switch to the recovery
CPU frequency based on the selection on
ROCV_FREQ_SEL.
0 = From latched FS[4:0]
1 = From the settings of ROCV_FREQ_N[7:0] and
ROCV_FREQ_M[6:0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com