Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28344PVC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28344PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28344PVC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28344PVC Datasheet HTML 3Page - Cypress Semiconductor CY28344PVC Datasheet HTML 4Page - Cypress Semiconductor CY28344PVC Datasheet HTML 5Page - Cypress Semiconductor CY28344PVC Datasheet HTML 6Page - Cypress Semiconductor CY28344PVC Datasheet HTML 7Page - Cypress Semiconductor CY28344PVC Datasheet HTML 8Page - Cypress Semiconductor CY28344PVC Datasheet HTML 9Page - Cypress Semiconductor CY28344PVC Datasheet HTML 10Page - Cypress Semiconductor CY28344PVC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PRELIMINARY
CY28344
Document #: 38-07113, Rev. *A
Page 7 of 22
Data Byte 5
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
Spread Option 1
“00” = ± 0.25%
“01” = – 0.5%
“10” = ±0.5%
“11” = ±0.38%
0
Bit 6
--
Spread Option 0
0
Bit 5
--
Reserved
Reserved
0
Bit 4
--
Reserved
Reserved
0
Bit 3
--
Reserved
Reserved
0
Bit 2
--
Reserved
Reserved
0
Bit 1
--
Reserved
Reserved
0
Bit 0
34
24_ 48MHZ
0 = 24 MHz
1 = 48 MHz
1
Data Byte 6
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
Revision_ID3
Revision ID bit[3]
0
Bit 6
Revision_ID2
Revision ID bit[2]
0
Bit 5
Revision_ID1
Revision ID bit[1]
0
Bit 4
Revision_ID0
Revision ID bit[0]
0
Bit 3
Vendor_ID3
Bit[3] of Cypress Vendor ID. This bit is Read-only.
1
Bit 2
Vendor_ID2
Bit[2] of Cypress Vendor ID. This bit is Read-only.
0
Bit 1
Vendor _ID1
Bit[1] of Cypress Vendor ID. This bit is Read-only.
0
Bit 0
Vendor _ID0
Bit[0] of Cypress Vendor ID. This bit is Read-only.
0
Data Byte 7
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
Reserved
Reserved
0
Bit 6
--
Reserved
Reserved
0
Bit 5
--
Reserved
Reserved
0
Bit 4
--
Reserved
Reserved
0
Bit 3
--
Reserved
Reserved
0
Bit 2
--
Reserved
Reserved
0
Bit 1
--
Reserved
Reserved
0
Bit 0
--
Reserved
Reserved
0
Data Byte 8
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
Reserved
Reserved
0
Bit 6
--
Reserved
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com