Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28344PVC Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY28344PVC
Description  FTG for Intel Pentium 4 CPU and Chipsets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28344PVC Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY28344PVC Datasheet HTML 12Page - Cypress Semiconductor CY28344PVC Datasheet HTML 13Page - Cypress Semiconductor CY28344PVC Datasheet HTML 14Page - Cypress Semiconductor CY28344PVC Datasheet HTML 15Page - Cypress Semiconductor CY28344PVC Datasheet HTML 16Page - Cypress Semiconductor CY28344PVC Datasheet HTML 17Page - Cypress Semiconductor CY28344PVC Datasheet HTML 18Page - Cypress Semiconductor CY28344PVC Datasheet HTML 19Page - Cypress Semiconductor CY28344PVC Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PRELIMINARY
CY28344
Document #: 38-07113, Rev. *A
Page 16 of 22
-
Switching Characteristics[3] Over the Operating Range, PCI,3V66 Clock Outputs.(Lump CapacitanceTest Load = 20 pF)
Parameter
Output
Description
Test Conditions
Min.
Max.
Unit
t1
All
Output Duty Cycle[4]
Measured at 1.5V
45
55
%
t3
USB, REF,
DOT
Falling Edge Rate
Between 2.4V and 0.4V
0.5
2.0
ps
t3
PCI,3V66
Falling Edge Rate
Between 2.4V and 0.4V
1.0
4.0
V/ns
t5
3V66[0:1]
3V66-3V66 Skew
Measured at 1.5V
500
ps
t5
66BUFF[0:2]
66BUFF-66BUFF Skew
Measured at 1.5V
175
ps
t6
PCI
PCI-PCI Skew
Measured at 1.5V
500
ps
t7
3V66,PCI
3V66-PCI Clock Jitter
3V66 leads. Measured at 1.5V
1.5
3.5
ns
t9
3V66
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
250
ps
t9
USB, DOT
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
350
ps
t9
PCI
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
500
ps
t9
REF
Cycle-Cycle Clock Jitter
Measured at 1.5V t9 = t9A – t9B
1000
ps
CPU 1.0V Switching Characteristics
t2
CPU
RiseTime
Measured differential waveform from
–0.35V to +0.35V
175
467
ps
t3
CPU
Fall Time
Measured differential waveform from
–0.35V to +0.35V
175
467
ps
t4
CPU
CPU-CPU Skew
Measured at Crossover
150
ps
t8
CPU
Cycle-Cycle Clock Jitter
Measured at Crossover t8 = t8A – t8B
150
ps
CPU
Rise/Fall Matching
Measured with test loads[5]
325
mV
Voh
CPU
High-level Output Voltage
including overshoot
Measured with test loads[5]
0.92
1.45
V
Vol
CPU
Low-level Output Voltage
including undershoot
Measured with test loads[5]
-0.2
0.35
V
Vcrossover
CPU
Crossover Voltage
Measured with test loads[5]
0.51
0.76
V
CPU 0.7V Switching Characteristics
t2
CPU
RiseTime
Measured single ended waveform
from 0.175V to 0.525V
175
700
ps
t3
CPU
Fall Time
Measured single ended waveform
from 0.175V to 0.525V
175
700
ps
t4
CPU
CPU-CPU Skew
Measured at Crossover
150
ps
t8
CPU
Cycle-Cycle Clock Jitter
Measured at Crossover t8 = t8A – t8B
With all outputs running
150
ps
CPU
Rise/Fall Matching
Measured with test loads[3,4]
20
%
Voh
CPU
High-level Output Voltage
including overshoot
Measured with test loads[4]
0.85
V
Vol
CPU
Low-level Output Voltage
including undershoot
Measured with test loads[4]
-0.15
V
Vcrossover
CPU
Crossover Voltage
Measured with test loads[4]
0.28
0.43
V
Notes:
3.
All parameters specified with loaded outputs.
4.
Duty cycle is measured at 1.5V when VDD = 3.3V. When VDD = 2.5V, duty cycle is measured at 1.25V.
5.
Determined as a fraction of 2*(Trp – Trn)/(Trp +Trn) Where Trp is a rising edge and Trp is an intersecting falling edge.
6.
The 0.7V test load is Rs = 33.2 ohm, Rp = 49.9 ohm in test circuit.
7.
The 1.0V test load is shown on test circuit page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com