Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473 Datasheet(PDF) 37 Page - Microchip Technology

Part # HCS473
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 37 Page - Microchip Technology

Back Button HCS473 Datasheet HTML 33Page - Microchip Technology HCS473 Datasheet HTML 34Page - Microchip Technology HCS473 Datasheet HTML 35Page - Microchip Technology HCS473 Datasheet HTML 36Page - Microchip Technology HCS473 Datasheet HTML 37Page - Microchip Technology HCS473 Datasheet HTML 38Page - Microchip Technology HCS473 Datasheet HTML 39Page - Microchip Technology HCS473 Datasheet HTML 40Page - Microchip Technology HCS473 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 35
HCS473
3.3
CONFIGURATION SUMMARY
TABLE 3-6:
CONFIGURATION SUMMARY
Symbol
Address: Bits
Description(1)
Reference
Section
USR 0
00:
16 bits
User EEPROM Area
3.2.3.4,
3.2.3.5
USR 1
02:
16 bits
User EEPROM Area
USR 2
04:
16 bits
User EEPROM Area
USR 3
06:
16 bits
User EEPROM Area
SER
08:
32 bits
Encoder Serial Number
DEVID 1
0C:
16 bits
Device Identifier #1 - Vehicle/Token ID Number #1
3.2.1.4
DEVID 2
0E:
16 bits
Device Identifier #2 - Vehicle/Token ID Number #2
IFF KEY
10:
64 bits
IFF Key
3.2.3.3
COUNT
18:
64 bits
Encoder Synchronization Counter and Checksum
1.2.3
KEY
20:
64 bits
Encoder Key
SEED
28:
60 bits
Encoder Seed Value
3.1.2.2
TCODE
30:
32 bits
Transport Code
3.2.3.2
DISC
34:
10 bits
Encoder Discrimination Value
3.1.8
RFEN
36: 7 -------RF Enable Pin
0 - S3
1 - RF Enable
3.1.4.8
PLLSEL
36: - 6 ------PLL Interface Select
0 - ASK
1 - FSK
3.1.4.7
VLOWSEL
36: --5 -----Low Voltage Trip Point Select (2)
0 - 2.2V
1 - 3.3V
3.1.4.6
CNTSEL
36: ---4 ----Counter Select
0 - 16 bits
1 - 20 bits
3.1.4.5
QUEN
36: ----3 ---Queue Counter Enable
0 - Disable
1 - Enable
3.1.4.4
XSER
36: -----2 --Extended Serial Number
0 - 28 bits
1 - 32 bits
3.1.4.3
HSEL
36: ------1 -Header Select (1)
0 - 4 TE
1 - 10 TE
3.1.4.2
MSEL
36: -------0 Modulation Format
0 - PWM
1 - Manchester
3.1.4.1
SDMD
37: 7 -------Seed Mode
0 - User
1 - Production
3.1.4.12
SDLM
37: - 6 ------Limited Seed
0 - Unlimited
1 - Limited
3.1.4.11
SDTM
37: --5 4 ----Time Before Seed code word (1)
Value
Time (s)
3.1.4.10
002
0.0
012
0.8
102
1.6
112
3.2
SDBT
37: ---- 3210Seed Button Code
Bit order = S3-S2-S1-S0
3.1.4.9
TSEL
38: 7 6 ------Timeout Select (1)
Value
Time (s)
3.1.4.16
002
4
012
8
102
16
112
32
MTX
38: --5 4 ----Minimum Code Words
Value
Value
3.1.4.15
002
1
012
2
102
4
112
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com