Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS473
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS473 Datasheet HTML 9Page - Microchip Technology HCS473 Datasheet HTML 10Page - Microchip Technology HCS473 Datasheet HTML 11Page - Microchip Technology HCS473 Datasheet HTML 12Page - Microchip Technology HCS473 Datasheet HTML 13Page - Microchip Technology HCS473 Datasheet HTML 14Page - Microchip Technology HCS473 Datasheet HTML 15Page - Microchip Technology HCS473 Datasheet HTML 16Page - Microchip Technology HCS473 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 11
HCS473
3.0
DEVICE OPERATION
HCS473 operation depends on how the device is acti-
vated. The device exits Low-power mode either when a
switch input is pulled high or when a signal is detected
on an LC antenna input pin. Once activated, the device
determines the source of the activation and enters
Encoder mode or Transponder mode.
A button input activation places the device into Encoder
mode. A signal detected on the transponder input
places the device into Transponder mode. Encoder
mode has priority over Transponder mode such that
communication on the transponder input would be
ignored or perhaps interrupted if it occurred simulta-
neously to a button activation; ignored until the button
input is released.
3.1
Encoder mode
3.1.1
ENCODER ACTIVATION
3.1.1.1
Button Activation
The main way to enter Encoder mode is when the
wake-up circuit detects a button input activation; button
input transition from GND to V
DD. The HCS473 control
logic wakes and delays a nominal switch debounce
time (T
DB) prior to sampling the button inputs. The but-
ton input states, cumulatively called the button status,
determine whether the HCS473 transmits a code hop-
ping or seed transmission.
The transmission begins a time T
PU after activation. It
consists of a stream of code words transmitted as long
as the switch input is held high or until a selectable
TSEL timeout occurs (see Section 3.1.4.16 for TSEL
options). A timeout returns the device to Low-power
mode, protecting the battery in case a button is stuck.
Additional button activations during a transmission will
immediately reset the HCS473, perhaps leaving the
current code word incomplete. The device will start a
new transmission which includes the updated button
status value.
Buttons removed during a transmission will have no
effect unless no buttons remain activated. If no button
activations remain, the minimum number of complete
code words will be completed (see Section 3.1.4.15 for
MTX options) and the device will return to Low Power
mode.
3.1.1.2
Proximity Activation
A second way to enter Encoder mode is if the proximity
activation option (PXMA) is enabled and the wake-up
circuit detects a wake-up sequence on an LC antenna
input pin. This form of activation is called Proximity
Activation as a code hopping transmission would be ini-
tiated when the device was proximate to a LF field.
3.1.2
TRANSMITTED CODE WORD
The HCS473 transmits a 69-bit code word in response
to a button activation or proximity activation, Figure 3-
1. The code word content varies with the two unique
transmission types; Hopping or Seed.
3.1.2.1
Hopping Code Word
Hopping code words are those transmitted during nor-
mal operation. Each Hopping code word contains a
preamble, header, 32 bits of encrypted data and up to
37 bits of fixed value data followed by a guard period
before another code word begins.
• The 32 bits of Encrypted Data include button sta-
tus bits, discrimination bits and the synchroniza-
tion counter value. The inclusion/omission of
overflow bits and size of both synchronization
counter and discrimination bit fields vary with the
CNTSEL option, Figure 3-2 and Section 3.1.4.5.
• The 37 bits of Fixed Code Data include queue
bits (if enabled), CRC bits, low voltage status and
serial number. The inclusion/omission of button
status and size of the serial number field vary with
the XSER option, Figure 3-2 and Section 3.1.4.3.
3.1.2.2
Seed Code Word
Seed code words are required when the system imple-
ments secure key generation. Seed transmissions are
activated when the button inputs match the value spec-
ified by the seed button code configuration option
(SDBT), Section 3.1.4.9.
Each Seed code word contains a preamble, header
and up to 69 bits of fixed data followed by a guard
period before another code word begins.
• The 69 bits of Fixed Code Data include queue
bits (if enabled), CRC bits, low voltage status, but-
ton status and the 60-bit seed value, Figure 3-2.
.
Note:
For additional information on K
EELOQ the-
ory and implementation, please refer to the
K
EELOQ
introductory
Technical
Brief
(TB003).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com