Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473 Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS473
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS473 Datasheet HTML 5Page - Microchip Technology HCS473 Datasheet HTML 6Page - Microchip Technology HCS473 Datasheet HTML 7Page - Microchip Technology HCS473 Datasheet HTML 8Page - Microchip Technology HCS473 Datasheet HTML 9Page - Microchip Technology HCS473 Datasheet HTML 10Page - Microchip Technology HCS473 Datasheet HTML 11Page - Microchip Technology HCS473 Datasheet HTML 12Page - Microchip Technology HCS473 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 7
HCS473
FIGURE 2-6:
LED PIN DIAGRAM
FIGURE 2-7:
LCCOM/LCX/LCY/LCZ/
VSST PIN DIAGRAM
2.3
Architectural Overview
2.3.1
WAKE-UP LOGIC
The HCS473 automatically goes into a low-power
Standby mode once connected to a supply voltage.
Power is supplied to the minimum circuitry required to
detect a wake-up condition; button activation or LC sig-
nal detection.
The HCS473 will wake from Low-power mode when a
button input is pulled high or a signal is detected on a
LC low frequency antenna input pin. Waking involves
powering the main logic circuitry that controls device
operation. The button and transponder inputs are then
sampled to determine which input activated the device.
A button input activation places the device into Encoder
mode. A signal detected on the transponder input
places the device into Transponder mode. Encoder
mode has priority over Transponder mode such that
communication on the transponder input would be
ignored or perhaps interrupted if it occurred simulta-
neously to a button activation; ignored until the button
input is released.
2.3.2
ENCODER INTERFACE
Using the four button inputs, up to 15 unique control
codes may be transmitted.
LED
HV
Detect
Program
Weak
LED
V
DD
Mode
LCX/LCY/
LCZ Inputs
RECTIFIER and
REGULATOR
V
SST
10V
100
Ω
LC
Input
AMP
DET
and
DAMP
LCX
only
10V
100
Ω
BIAS
CURRENT
LCCOM
CLAMP
RDAMP
Note:
S3 may not be used as a button input if the
RFEN option is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com