Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473 Datasheet(PDF) 57 Page - Microchip Technology

Part # HCS473
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 57 Page - Microchip Technology

Back Button HCS473 Datasheet HTML 53Page - Microchip Technology HCS473 Datasheet HTML 54Page - Microchip Technology HCS473 Datasheet HTML 55Page - Microchip Technology HCS473 Datasheet HTML 56Page - Microchip Technology HCS473 Datasheet HTML 57Page - Microchip Technology HCS473 Datasheet HTML 58Page - Microchip Technology HCS473 Datasheet HTML 59Page - Microchip Technology HCS473 Datasheet HTML 60Page - Microchip Technology HCS473 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 55
HCS473
Analog delays
T
FILTR
—15
µs
HCS473 analog LF filter charge time
T
FILTF
—70
µs
HCS473 analog LF filter discharge time
T
ANTR
Hardware design dependent
Cumulative LF antenna delay when field is turned on
T
ANTF
Hardware design dependent
Cumulative LF antenna delay when field is turned off
Note 1: Fosc = 4 MHz. F
OSC = 4 MHz may be centered at the designer’s choice of supply voltage (VDD) and tempera-
ture.
2: LF
TE is based on the HCS473’s timing, not the timing of the transponder reader. Therefore LFTE is subject to
HCS473 oscillator variation.
3: Response timing accounts for
TFILTR but not for TANTR or TANTF, as they are design dependent. The system
designer must compensate communication accordingly for
TANTR and TANTF.
4: Min and Max values modified for F
OSC = 4 MHz + 10%, -20%. Timing parameters are characterized but not
tested. Very Important: Refer to Section 3.2.7 for communication requirements when using an Industrial tem-
perature device at 3.5V < V
DD < 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com