Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS473
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS473 Datasheet HTML 7Page - Microchip Technology HCS473 Datasheet HTML 8Page - Microchip Technology HCS473 Datasheet HTML 9Page - Microchip Technology HCS473 Datasheet HTML 10Page - Microchip Technology HCS473 Datasheet HTML 11Page - Microchip Technology HCS473 Datasheet HTML 12Page - Microchip Technology HCS473 Datasheet HTML 13Page - Microchip Technology HCS473 Datasheet HTML 14Page - Microchip Technology HCS473 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 9
HCS473
2.3.5
INTERNAL RC OSCILLATOR
The HCS473 runs on an internal RC oscillator. The
internal oscillator may vary ±10% over the device’s
rated voltage and temperature range for commercial
temperature devices. A certain percentage of indus-
trial temperature devices vary further on the slow side,
-20%, when used at higher voltages (V
DD > 3.5V) and
cold temperature. The LF and RF communication
timing values are subject to these variations.
2.3.6
LOW VOLTAGE DETECTOR
The HCS473’s battery voltage detector detects when
the supply voltage drops below a predetermined value.
The value is selected by the Low Voltage Trip Point
Select (VLOWSEL) configuration option (Section 3.3).
The low voltage detector result is included in encoder
transmissions (VLOW) allowing the receiver to indicate
when the transmitter battery is low (Section 3.1.4.6).
The HCS473 also indicates a low battery condition by
changing the LED operation (Section 3.1.5).
2.3.7
THE S3/RFEN PIN
The S3/RFEN pin may be used as a button input or RF
enable output to a compatible PLL. Select between S3
button input and RFEN functionality with the RFEN
configuration option (Table 2-2).
TABLE 2-2:
RFEN OPTION
RFEN
Resulting S3/RFEN Configuration
0
S3 button input pin with Schmitt Trigger
detector and internal pull-down resistor.
1
RFEN output driver.
S3 may not be used as a button input if the
RFEN option is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com