Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473 Datasheet(PDF) 52 Page - Microchip Technology

Part # HCS473
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473 Datasheet(HTML) 52 Page - Microchip Technology

Back Button HCS473 Datasheet HTML 48Page - Microchip Technology HCS473 Datasheet HTML 49Page - Microchip Technology HCS473 Datasheet HTML 50Page - Microchip Technology HCS473 Datasheet HTML 51Page - Microchip Technology HCS473 Datasheet HTML 52Page - Microchip Technology HCS473 Datasheet HTML 53Page - Microchip Technology HCS473 Datasheet HTML 54Page - Microchip Technology HCS473 Datasheet HTML 55Page - Microchip Technology HCS473 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
HCS473
DS40035C-page 50
Preliminary
 2002 Microchip Technology Inc.
TABLE 7-1:
DC CHARACTERISTICS: HCS473
DC Characteristics
All pins except power supply pins
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
0
°C ≤ TA ≤ +70°C (Commercial)
-20
°C ≤ TA ≤ +85°C (Industrial)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001
V
DD
Supply Voltage
2.05(2)
—5.5
V
D003
V
POR VDD Start Voltage to ensure
internal Power-on Reset sig-
nal
—V
SS
—
V
Cold RESET
D004
SV
DD VDD Rise Rate to ensure
internal Power-on Reset sig-
nal
0.05*
——
V/ms
D005
V
BOR Brown-out Reset Voltage
—1.9
2
V
I
DD
Supply Current(2)
D010
D010B
—1.0
5
mA
F
OSC = 4 MHz, VDD = 5.5V(3)
——
2.0
mA
F
OSC = 4 MHz, VDD = 3.5V(3)
D021A
I
SS
Shutdown Current
—0.1
1.0
µAVDD = 5.5V
∆IDD Transponder Current
D022
—
4.2
8
µAVDD = VDDT = 5.5V, no LC
signals
D022A
3.5
6
µAVDD = VDDT = 3.0V, no LC
signals
7.5
25
µAVDD = VDDT = 3V, Active LC
signals
V
IL
Input Low Voltage
Input Pins
D030
With TTL Buffer
Vss
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D030A
Vss
—
0.15V
D
D
V
Otherwise
D031
With Schmitt Trigger Buffer
Vss
—
0.2V
DD
V
V
IH
Input High Voltage
Input Pins
—
D040
D040A
With TTL Buffer
2.0
(0.25
V
DD+0.8)
—
—
V
DD
V
DD
V
V
4.5V
≤ VDD ≤ 5.5V
Otherwise
D041
With Schmitt Trigger Buffer
0.8 V
DD
—V
DD
V
V
TOL
Input Threshold Voltage
D053
V
LOW detect tolerance
—
—
+250
mV
VLOWSEL = 2.2V
——
+400
mV
VLOWSEL = 3.3V
I
IL
Input Leakage Current
D060
Input Pins
—
—
±1
µA
Vss
≤ VPIN ≤ VDD, Pin at Hi-
impedance, no pull-downs
enabled
D061
LED
——
±5
µAVss ≤ VPIN ≤ VDD
V
OL
Output Low Voltage
D080
Output Pins
—
—
0.6
V
I
OL = 8.5 mA, VDD = 4.5V
V
OH
Output High Voltage
D090
Output Pins
V
DD-0.7
—
—
V
I
OH = -3.0 mA, VDD = 4.5V
D091
LED
1.5
—
—
V
I
OH = -0.5 mA, VDD = 4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com