Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 28Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 29Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 30Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 31Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 32Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 33Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 34Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 35Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 199 page
background image
Table 7-3. Sensor Select Table (continued)
Register[0x0468]
Sensor Selected To Read-out
0x4920
Temperature Sensor
Table 7-4. Sensor's Constant Values
Constant
Value (in decimal)
vdda_output_mean_code
128
slope_vdda3p3_sensor
8.63014e-3
vdd1p0_output_mean_code
93
slope_vdd1p0_sensor
2.85714e-3
vddio_output_mean_code
224
slope_vddio_sensor
15.686e-3
temperature_output_mean_code
161
slope_temperature_sensor
1.5
Note
Accuracy of temperature sensor can be maximized (3degreeC for temperature < 105C and 7.5
degreeC for temperature > 105C), if customer can sample "temperature_output_code" at 25C
and use it as "temperature_output_mean_code".
.
7.3.1.5 Electrostatic Discharge Sensing
Electrostatic discharge is a serious issue for electronic circuits and if not properly mitigated can create short-term
issues (signal integrity, link drops, packet loss) as well as long-term reliability faults. The DP83TG720S-Q1 has
robust integrated ESD circuitry and offers an ESD sensing architecture. ESD events can be detected on MDI
pins for further analysis and debug.
The ESD sensing tool is useful for both prototyping and end-applications. Additionally, the DP83TG720S-Q1
provides an interrupt status flag; when an ESD event is logged in the register<0x0442>. Hardware and software
resets are ignored by the ESDS register to prevent unwarranted clearing.
Table 7-5. ESD Sensing : Interrupt Setting and Count Reading
Function
Required Read/Write
Interrupt Enable
•
Write register<0x0012>[3] = 1
ESD Event Counter
•
Read register<0x0442>[14:9]
•
Value in decimal indicates the ESD strikes since power-up.
7.3.2 Compliance Test Modes
The six test modes for the DP83TG720S-Q1 are compliant to IEEE 802.3bp, Sub-clause 97.5.2. Supported test
modes allow testing of the transmitter waveform Power Spectral Density (PSD) mask, distortion, MDI Master
jitter, MDI Slave jitter, droop, transmitter frequency, frequency tolerance, BER monitoring, return loss, and mode
conversion. Any of the three GPIOs can be used to output TX_TCLK for MDI Slave jitter measurement.
7.3.2.1 Test Mode 1
Test mode 1 tests the transmitter clock jitter when linked to a partner. In test mode 1, the DP83TG720S-Q1
PHYs are connected over link segment defined in section 97.6 within IEEE 802.3bp. TX_TCLK125 is a divided
clock derived from TX_TCLK, which is one sixth the frequency.
7.3.2.2 Test Mode 2
Test mode 2 tests the transmitter MDI Master mode jitter. In test mode 2, the DP83TG720S-Q1 will transmit a
continuous pattern of three {+1} symbols followed by three {-1} symbols. The transmitted symbols are timed from
the 750-MHz source, which results in a 125-MHz signal.
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com