Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 72 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 68Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 69Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 70Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 71Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 72Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 73Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 74Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 75Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 199 page
background image
7.6.2.16 PM_TOP_CFG Register (Address = 0x181) [reset = 0x440]
PM_TOP_CFG is shown in Table 7-39.
Return to the Summary Table.
Table 7-39. PM_TOP_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
RESERVED
R
4b0000
Reserved
11
cfg_lps_xtal_pwrdn_en
R/W
1b0
10
cfg_lps_mac_pwrdn_en
R/W
1b1
Enable power down of mac inf during Low power mode
9
cfg_lps_pll_pwrdn_en
R/W
1b0
8
cfg_lps_dbg_mode
R/W
1b0
LPS debug mode enable to reduce the sleep request timeout
7-6
cfg_lps_slp_rqst_to
R/W
2b01
Sleep rquest timer threshold. 2'b00 = 0.4ms, 2'b01 = 1ms, 2'b10 =
4ms, 2'b11 = 16ms
5-4
ld_pwr_up_wait
R/W
2b00
Determine additional wait time between de-assertion reset to last
DDS to assertion of pwr_seq_done: 00: no additional wait 01: 1ms
10: 2ms 11: 4ms This value should deal with potential problem in
Line Driver power-up time.
3
pll_gf_reset_reg
R/W
1b0
1 = Reset is high 0 = Reset is low
2
force_pll_gf_reset
R/W
1b0
1 = Force pll_clk mux reset to value defined in bit[8] 0 = Normal
mode
1
pll_clk_sel_reg
R/W
1b0
1: select PLL clock 0: select REF clock
0
force_pll_ctrl
R/W
1b0
1: force pll_clk_mux selec to value defined in Bit[2] 0: Do not force
pll_clk_mux select (Normal)
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
72
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com