Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 42Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 43Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 44Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 45Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 46Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 47Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 48Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 49Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 199 page
background image
7.5 Programming
7.5.1 Strap Configuration
The DP83TG720S-Q1 uses functional pins as strap options to place the device into specific modes of operation.
The values of these pins are sampled at power up and hardware reset (through either the RESET_N pin or
register access). The strap pins support 2-levels and 3-levels, which are described in greater detail below.
Configuration of the device may be done through strapping or through serial management interface.
Note
Because strap pins are functional pins after reset is deasserted, they should not be connected directly
to VCC or GND. Either pullup resistors, pulldown resistors, or both are required for proper operation.
R
L
R
H
VDDIO
6.3 kŸ
±25%
Figure 7-18. 3 Level Strap Circuit
R
L
R
H
VDDIO
9 NŸ
±25%
Figure 7-19. 2 Level Strap Circuit
Table 7-15. Recommended 3-level Strap Resistor Ratios
MODE
IDEAL RH (kΩ)
for VDDIO = 3.3 V
IDEAL RH (kΩ)
for VDDIO = 2.5 V
IDEAL RH (kΩ)
for VDDIO = 1.8V
1
OPEN
OPEN
OPEN
2
13
8.5
4
3
4.5
2
0.8
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
46
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com