Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 4 Page - Texas Instruments

  DP83TG720SWRHATQ1 Datasheet HTML 1Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 2Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 3Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 4Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 5Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 6Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 7Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 8Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 199 page
background image
Pin Functions
PIN
STATE(1)
DESCRIPTION
NAME
NO.
MAC INTERFACE
RX_D3
RX_M
23
S, PD, O
Receive Data: Symbols received on the cable are decoded and transmitted out of these pins synchronous to the
rising edge of RX_CLK. They contain valid data when RX_DV(decoded from RX_CTL) is asserted. A nibble,
RX_D[3:0], is transmitted in RGMII mode.
RX_M / RX_P: Differential SGMII Data Output. These pins transmit data from the PHY to the MAC.
RX_D2
RX_P
24
RX_D1
25
RX_D0
26
RX_CLK
27
O
Receive Clock: In RGMII mode, PHY provides this 125-MHz clock to MAC.
Unused in SGMII mode
RX_CTRL
15
S, PD, O
RGMII Receive Control: Receive control combines receive data valid indication and receive error indication into a
single signal. RX_DV is presented on the rising edge of RX_CLK and RX_ER is presented on the falling edge of
RX_CLK.
Used only as strap in SGMII mode
TX_CLK
28
I
Transmit Clock: In RGMII mode, MAC provides this 125-MHz clock to PHY.
Unused in SGMII mode
TX_CTRL
29
I
RGMII Transmit Control: Transmit control combines transmit enable and transmit error indication into a single
signal. TX_EN is presented prior to the rising edge of TX_CLK; TX_ER is presented on the falling edge of TX_CLK.
Unused in SGMII mode
TX_D3
30
I
Transmit Data: In RGMII mode, the transmit data nibble, TX_D[3:0], is received from the MAC .
TX_M / TX_P: Differential SGMII Data Input. These pins receive data that is transmitted from the MAC to the PHY.
TX_D2
31
TX_D1
TX_P
32
TX_D0
TX_M
33
SERIAL MANAGEMENT INTERFACE
MDC
1
I
Management Data Clock: Synchronous clock to the MDIO serial management input and output data.
MDIO
36
OD, IO
Management Data Input/Output: Bidirectional management data signal that may be sourced by the management
station or the PHY. This pin requires an external pull-up resistor (recommended value = 2.2-kΩ) .
CONTROL INTERFACE
INT
2
PU, OD, O
Interrupt: Active-LOW output, which will be asserted LOW when an interrupt condition occurs. This pin has a weak
internal pullup. Register access is necessary to enable various interrupt triggers. Once an interrupt event flag is set,
register access is required to clear the interrupt event on this pin.
This pin can be configured as an Active-HIGH output using register[0x0011].
RESET
3
PU, I
RESET: Active-LOW input, which initializes or reinitializes the DP83TG720S-Q1. Asserting this pin LOW for at least
10 μs will force a reset process to occur. All internal registers will reinitialize to their default states as specified for
each bit in the Register Map section. All bootstrap pins are resampled upon deassertion of reset.
INH
10
PMOS OD
INH: Active-HIGH PMOS open-drain output. When the PHY enters the sleep state, PHY will release the INH pin to
allow an external pull-down resistor (recommended value = 10 kΩ) to pull the line to ground. When in any other
state, the INH pin will drive a HIGH state to the VSLEEP rail.
WAKE
8
PD, I
WAKE: Active-HIGH (this pin works on VSLEEP domain) pulse on wake-up pin wakes up the PHY from the sleep
state. For pulse width, refer to timing section. This pin can be directly tied to the VSLEEP rail when the sleep state
is not used or left float.
STRP_1
14
PD, I
Strap 1: This pin is for strapping PHY_AD bits.
CLOCK INTERFACE
XI
5
I
Reference Clock Input: Reference clock 25-MHz ±100 ppm-tolerance crystal or oscillator input. The device
supports either an external crystal resonator connected across pins XI and XO, or an external CMOS-level oscillator
connected to pin XI only and XO left floating.
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com