Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 97 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 93Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 94Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 95Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 96Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 97Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 98Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 99Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 100Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 199 page
background image
7.6.2.41 PHY_CTRL_1G Register (Address = 0x519) [reset = 0x3D]
PHY_CTRL_1G is shown in Table 7-64.
Return to the Summary Table.
Table 7-64. PHY_CTRL_1G Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RESERVED
R
1b0
Reserved
14
cfg_phy_ctrl_fallback_on_
energy_lost_loc_rcvr
R/W
1b0
Allow phy control to go from TRAINING to COUNTDOWN to SILENT
on energy lost and loc_rcvr lock Note : Should be enabled only if
0x519[13] is disabled
13
cfg_phy_ctrl_fallback_on_
energy_lost
R/W
1b0
Allow phy control to go from TRAINING to COUNTDOWN to SILENT
on energy lost Note : Should be enabled only if 0x519[14] is disabled
12
cfg_bypass_dsp_reset
R/W
1b0
Bypass dsp reset from pcs
11
cfg_force_link_stat_val
R/W
1b0
Forced link status value Valid only if 0x519[10] is set
10
cfg_force_link_stat
R/W
1b0
Enable forcing link status value
9
cfg_link_control_override_
val
R/W
1b0
Override Value for link control (only valid is autoneg is enabled) Valid
only if 0x519[8] is set
8
cfg_link_control_override_
en
R/W
1b0
Override Enable for link control (only valid is autoneg is enabled)
1b0 = Link_control override disbale
1b1 = Link_control override Eanable
7-0
cfg_minwait_timer_init
R/W
8b00111101 Minwait timer value in us (value internally multiplied by 16)
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com