Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 5Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 6Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 7Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 8Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 9Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 10Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 11Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 12Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 199 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
TYP
MAX
UNIT
Supply
Voltage
VDDA3P3
–0.3
4
V
Supply
Voltage
VDD1P0
–0.3
1.4
V
Supply
Voltage
VDDIO (3.3V)
–0.3
4
V
Supply
Voltage
VDDIO (2.5V)
-0.3
2.9
V
Supply
Voltage
VDDIO (1.8V)
-0.3
2.2
V
Supply
Voltage
VSLEEP
-0.3
4
V
LVCMOS/
LVTTL Input
Voltage
MDC, RESET, XI, LED_1, STRP_1, RX_CTRL, CLKOUT,
RX_D[3:0], TX_CLK, TX_CTRL, TX_D[3:0], LED_0, MDIO
–0.3
VDDIO + 0.3
V
LVCMOS/
LVTTL Input
Voltage
WAKE
-0.3
VSLEEP + 0.3
V
LVCMOS/
LVTTL Output
Voltage
INT, LED_1, RX_CTRL, CLKOUT, RX_D[3:0], RX_CLK,
LED_0, MDIO
–0.3
VDDIO + 0.3
V
LVCMOS/
LVTTL Output
Voltage
INH
-0.3
VSLEEP +
0.3
V
TJ
Junction Temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
AEC Q100-002(1)
All pins
±2000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per
AEC Q100-011
All pins
±500
V
V(ESD)
Electrostatic discharge
IEC 61000-4-2 contact discharge
TRD_N, TRD_P
±8000
V
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDDIO
IO Supply Voltage, 1.8V operation
1.62
1.8
1.98
V
IO Supply Voltage, 2.5V operation
2.25
2.5
2.75
IO Supply Voltage, 3.3V operation
2.97
3.3
3.63
VDDA3P3 Core Supply Voltage, 3.3V
2.97
3.3
3.63
V
VDDA1P0 Core Supply Voltage, 1.0V
0.95
1
1.1
V
VSLEEP
Sleep Supply Voltage, 3.3V
2.97
3.3
3.63
V
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com