Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9166 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9166 Datasheet HTML 28Page - Analog Devices AD9166 Datasheet HTML 29Page - Analog Devices AD9166 Datasheet HTML 30Page - Analog Devices AD9166 Datasheet HTML 31Page - Analog Devices AD9166 Datasheet HTML 32Page - Analog Devices AD9166 Datasheet HTML 33Page - Analog Devices AD9166 Datasheet HTML 34Page - Analog Devices AD9166 Datasheet HTML 35Page - Analog Devices AD9166 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 32 of 138
SERDES PLL
Functional Overview of the SERDES PLL
The independent SERDES phase-locked loop (PLL) uses
Integer N techniques to achieve clock synthesis. The entire
SERDES PLL is integrated on chip, including the voltage
controlled oscillator (VCO) and the loop filter. The SERDES
PLL VCO operates over the range of 6 GHz to 12.5 GHz.
In the SERDES PLL, a VCO divider block divides the VCO
clock by 2 to generate a 3 GHz to 6.25 GHz quadrature clock for
the deserializer cores. This clock is the input to the CDR block
that is described in the Clock and Data Recovery section.
The reference clock to the SERDES PLL is always running at a
frequency, fREF, that is equal to 1/40 of the lane rate (PCLK rate).
The fREF frequency is divided by an integer factor, set by SERDES_
PLL_DIV_FACTOR, to deliver a clock to the phase frequency
detector (PFD) block, fPFD, that is between 35 MHz and 80 MHz.
Table 18 includes the respective SERDES_PLL_DIV_FACTOR
register settings for each of the desired PLL_REF_CLK_RATE
options available.
Table 18. SERDES PLL Divider Settings
Lane Rate
(Gbps)
PLL_REF_CLK_RATE
(Register 0x084,
Bits[5:4])
SERDES_PLL_DIV_FACTOR
(Register 0x289, Bits[1:0])
0.750 to 1.5625
0b01 = 2×
0b10 = ÷1
1.5 to 3.125
0b00 = 1×
0b10 = ÷1
3 to 6.25
0b00 = 1×
0b01 = ÷2
6 to 12.5
0b00 = 1×
0b00 = ÷4
SERDES PLL Enable and Recalibration
Register 0x280 controls the synthesizer enable and recalibration.
To enable the SERDES PLL, first set the PLL divider register
(see Table 18). Then enable the SERDES PLL by writing
Register 0x280, Bit 0 = 1. If a recalibration is needed, write
Register 0x280, Bit 2 = 0b1 and then reset the bit to 0b0. The
rising edge of the bit causes a recalibration to begin.
Confirm that the SERDES PLL is working by reading
Register 0x281. If Register 0x281, Bit 0 = 1, the SERDES PLL
has locked. If Register 0x281, Bit 3 = 1, the SERDES PLL
calibration has completed. If Register 0x281, Bit 4 or Bit 5 is
high, the PLL reaches the lower or upper end of its calibration
band and must be recalibrated by writing 0 and then 1 to
Register 0x280, Bit 2.
Clock and Data Recovery (CDR)
The deserializer is equipped with a CDR circuit. Instead of
recovering the clock directly from the JESD204B serial lanes, the
CDR circuit continuously aligns the phase of the sampling
clocks for each SERDES lane with the incoming bit stream from
the JESD204B transmitter. The sampling clocks are derived
from the SERDES PLL. The 3 GHz to 6.25 GHz sampling clocks
are derived from the SERDES PLL, as shown in Figure 54, at the
input to the CDR.
To generate the lane rate clock inside the device, a CDR
sampling mode must be selected as follows:
For a lane rate greater than 6.25 Gbps, use half rate CDR.
For a lane rate between 3 Gbps and 6.25 Gbps, disable half
rate operation.
For a lane rate less than 3 Gbps, disable full rate and enable
2× oversampling to recover the appropriate lane rate clock.
Table 19 lists the CDR sampling settings that must be set
depending on the lane rate value.
Table 19. CDR Operating Modes
Lane Rate
(Gbps)
SPI_ENHALFRATE
(Register 0x230,
Bit 5)
SPI_DIVISION_RATE
(Register 0x230,
Bits[2:1])
0.750 to 1.5625
0 (full rate)
0b10 (divide by 4)
1.5 to 3.125
0 (full rate)
0b01 (divide by 2)
3 to 6.25
0 (full rate)
0b00 (no divide)
6 to 12.5
1 (half rate)
0b00 (no divide)
The CDR circuit synchronizes the phase used to sample the data on
each serial lane independently. This independent phase adjustment
per serial interface ensures accurate data sampling and eases the
implementation of multiple serial interfaces on a PCB.
After configuring the CDR circuit, reset it and then release the
reset by writing 0 and then writing 1 to Register 0x206, Bit 0.
In some clocking configuration, it may be necessary to reset the
CDR after the JESD204B transmitter begins sending /K/
characters as part of the JESD204B serial link establishment, so
that the CDR restarts its search loop and aligns the clocks
correctly (see the JESD204B Serial Link Establishment section).
Power-Down Unused PHYs
Unused lanes that are left enabled consume extra power
unnecessarily. Each lane that is not in use (SERDINx±) must be
powered off by writing a 1 to the corresponding bit of PHY_PD
(Register 0x201).
Equalization
To compensate for signal integrity distortions for each PHY
channel due to PCB trace length and impedance, the AD9166
employs an easy to use, low power equalizer on each JESD204B
channel. The AD9166 equalizers can compensate for insertion
losses far greater than required by the JESD204B specification.
The equalizers have two modes of operation that are determined
by the EQ_POWER_MODE register setting in Register 0x268,
Bits[7:6]. In low power mode (Register 0x268, Bits[7:6] = 0b01)
and operating at the maximum lane rate of 12.5 Gbps, the
equalizer can compensate for up to 11.5 dB of insertion loss. In
normal mode (Register 0x268, Bits[7:6] = 0b00), the equalizer
can compensate for up to 17.2 dB of insertion loss. This perfor-
mance is shown in Figure 51 as an overlay to the JESD204B
specification for insertion loss. Figure 51 shows the equalization
performance at 12.5 Gbps, near the maximum baud rate for the
AD9166.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com