Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9166 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9166 Datasheet HTML 36Page - Analog Devices AD9166 Datasheet HTML 37Page - Analog Devices AD9166 Datasheet HTML 38Page - Analog Devices AD9166 Datasheet HTML 39Page - Analog Devices AD9166 Datasheet HTML 40Page - Analog Devices AD9166 Datasheet HTML 41Page - Analog Devices AD9166 Datasheet HTML 42Page - Analog Devices AD9166 Datasheet HTML 43Page - Analog Devices AD9166 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 40 of 138
Link Delay Setup Example, with Known Delays
All the known system delays can be used to calculate LMFCVar
and LMFCDel. The example shown in Figure 61 is demonstrated
in the following steps.
Note that this example is in Subclass 1 to achieve deterministic
latency, which has a PCLK factor (4/F) of two frame clock
cycles per PCLK cycle, and uses K = 32 (frames/multiframe).
Because PCBFixed << PCLK Period, PCBFixed is negligible in
this example and not included in the calculations.
1.
Find the receiver delays using Table 6.
RxFixed = 12 PCLK cycles
RxVar = 2 PCLK cycles
2.
Find the transmitter delays. The equivalent table in the
example JESD204B core (implemented on a GTH or
gigabit transceiver (GTX) on a Virtex-6 FPGA) states that
the delay is 56 ± 2 byte clock cycles.
3.
Because the PCLK Rate = ByteRate/4 as described in the
Clock Relationships section, the transmitter delays in
PCLK cycles are calculated as follows:
TxFixed = 54/4 = 13.5 PCLK cycles
TxVar = 4/4 = 1 PCLK cycle
4.
Calculate MinDelayLane as follows:
MinDelayLane = floor(RxFixed + TxFixed + PCBFixed)
= floor(12 + 13.5 + 0)
= floor(25.5)
MinDelayLane = 25
5.
Calculate MaxDelayLane as follows:
MaxDelayLane = ceiling(RxFixed + RxVar + TxFixed +
TxVar + PCBFixed))
= ceiling(12 + 2 + 13.5 + 1 + 0)
= ceiling(28.5)
MaxDelayLane = 29
6.
Calculate LMFCVar as follows:
LMFCVar = (MaxDelay + 1) − (MinDelay − 1)
= (29 + 1) − (25 − 1) = 30 − 24
LMFCVar = 6 PCLK cycles
7.
Calculate LMFCDel as follows:
LMFCDel = (MinDelay − 1) % (K/PClockFactor)
= ((30 − 1)) % (32/2)
= 29 % 16
LMFCDel = 13 PCLK cycles
8.
Write LMFCDel to Register 0x304 for all devices in the
system. Write LMFCVar to Register 0x306 for all devices in
the system.
FRAME CLOCK
LMFC
PCLK
DATA
DATA AT Tx FRAMER
ILAS
LMFCRX
TOTAL FIXED LATENCY = 30 PCLK CYCLES
LMFC DELAY = 26 FRAME CLOCK CYCLES
PCB FIXED
DELAY
DATA
ALIGNED LANE DATA
AT Rx DEFRAMER OUTPUT
ILAS
TOTAL VARIABLE
LATENCY = 4
PCLK CYCLES
Tx VAR
DELAY
Rx VAR
DELAY
Figure 61. LMFC Delay Calculation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com