Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9166 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9166 Datasheet HTML 25Page - Analog Devices AD9166 Datasheet HTML 26Page - Analog Devices AD9166 Datasheet HTML 27Page - Analog Devices AD9166 Datasheet HTML 28Page - Analog Devices AD9166 Datasheet HTML 29Page - Analog Devices AD9166 Datasheet HTML 30Page - Analog Devices AD9166 Datasheet HTML 31Page - Analog Devices AD9166 Datasheet HTML 32Page - Analog Devices AD9166 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 29 of 138
JESD204B SERIAL DATA INTERFACE
JESD204B OVERVIEW
The AD9166 has eight JESD204B data ports that receive data.
The eight JESD204B ports can be configured as part of a single
JESD204B link that uses a single system reference (SYSREF±) and
device clock (CLK±).
The JESD204B serial interface hardware consists of three layers:
the physical layer, the data link layer, and the transport layer.
These sections of the hardware are described in subsequent
sections, including information for configuring every aspect of
the interface. Figure 48 shows the communication layers
implemented in the AD9166 serial data interface to recover the
clock and deserialize, descramble, and deframe the data before it
is sent to the digital signal processing section of the device.
The physical layer establishes a reliable channel between the
transmitter and the receiver, the data link layer is responsible
for unpacking the data into octets and descrambling the data.
The transport layer receives the descrambled JESD204B frames
and converts them to DAC samples.
Various JESD204B parameters (L, F, K, M, N, NP, S, HD) define
how the data is packed and tell the device how to turn the serial
data into samples. These parameters are defined in the Transport
Layer section. The AD9166 also has a descrambling option (see
the Descrambler section for more information).
The various combinations of JESD204B parameters that are
supported depend solely on the number of lanes. Thus, a
unique set of parameters can be determined by selecting the
lane count to be used. In addition, the interpolation rate and
number of lanes can be used to define the rest of the configura-
tion needed to set up the AD9166. The interpolation rate and
the number of lanes are selected in Register 0x110.
The AD9166 has a single DAC output. However, for the
purposes of the complex signal processing on chip, whenever
interpolation is used, the converter count is defined as M = 2.
For a particular application, the number of converters to use
(M) and the data rate variable (DataRate) are known. The lane
rate variable (LaneRate) and number of lanes (L) can be traded
off as follows:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
where LaneRate must be between 750 Mbps and 12.5 Gbps.
Achieving and recovering synchronization of the lanes is very
important. To simplify the interface to the transmitter, the
AD9166 designates a master synchronization signal for each
JESD204B link. The SYNCOUT− and SYNCOUT+ pins are used
as the master signal for all lanes. If any lane in a link loses
synchronization, a resynchronization request is sent to the
transmitter via the synchronization signal of the link. The
transmitter stops sending data and instead sends synchronization
characters to all lanes in that link until resynchronization is
achieved.
DESERIALIZER
DATA LINK
LAYER
TRANSPORT
LAYER
SERDIN0±
SYSREF±
SERDIN7±
I DATA[15:0]
Q DATA[15:0]
TO DAC
DSP BLOCK
SYNCOUT+/SYNCOUT–
PHYSICAL
LAYER
DESERIALIZER
QBD/
DESCRAMBLER
FRAME TO
SAMPLES
Figure 48. Functional Block Diagram of Serial Link Receiver
Table 15. Single-Link JESD204B Operating Modes
Number of Lanes (L)
Parameter
Parametric Symbol
1
2
3
4
6
8
Lane Count
L
1
2
3
4
6
8
Converter Count
M
2
2
2
2
2
1 (real), 2 (complex)
Octets per Frame per Lane
F
4
2
4
1
2
1
Samples per Converter per Frame
S
1
1
3
1
3
4 (real), 2 (complex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com