Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9166 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9166 Datasheet HTML 17Page - Analog Devices AD9166 Datasheet HTML 18Page - Analog Devices AD9166 Datasheet HTML 19Page - Analog Devices AD9166 Datasheet HTML 20Page - Analog Devices AD9166 Datasheet HTML 21Page - Analog Devices AD9166 Datasheet HTML 22Page - Analog Devices AD9166 Datasheet HTML 23Page - Analog Devices AD9166 Datasheet HTML 24Page - Analog Devices AD9166 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 21 of 138
0
–5
–10
–20
–15
–25
–30
–35
–50
–45
–40
0
12000
10000
8000
6000
4000
2000
fOUT (MHz)
TJ = +5°C
TJ = +60°C
TJ = +105°C
Figure 22. Single-Tone Output Power vs. fOUT, over Temperature
0
–60
–20
–100
–80
–120
–40
0
12000
10000
8000
6000
4000
2000
fOUT (MHz)
REAL THIRD HARMONIC
REAL SECOND HARMONIC
TJ = +5°C
TJ = +60°C
TJ = +105°C
Figure 23. SFDR vs. fOUT over Temperature, Real Second and Third Harmonics
0
–60
–20
–100
–80
–120
–40
0
12000
10000
8000
6000
4000
2000
fOUT (MHz)
FOLDED THIRD HARMONIC
FOLDED SECOND HARMONIC
TJ = +5°C
TJ = +60°C
TJ = +105°C
Figure 24. SFDR vs. fOUT over Temperature, Folded Second and Third
Harmonics
0
–60
–20
–100
–80
–120
–40
0
12000
10000
8000
6000
4000
2000
fOUT (MHz)
IMD5
IMD3
IMD7
TJ = +5°C
TJ = +60°C
TJ = +105°C
Figure 25. Worst Case IMD3, IMD5, IMD7 vs. fOUT over Temperature
0
–60
–20
–100
–80
–120
–40
0
12000
10000
8000
6000
4000
2000
fOUT (MHz)
LOW
HIGH
TJ = +5°C
TJ = +60°C
TJ = +105°C
Figure 26. IMD2 vs. fOUT over Temperature
–135
–140
–145
–150
–155
–160
0
6000
5000
4000
3000
2000
1000
fOUT (MHz)
fDAC = 12.0 GSPS
fDAC = 10.0 GSPS
fDAC = 6.0 GSPS
Figure 27. Single-Tone NSD vs. fOUT over fCLK, IOUTFS = 40 mA, NSD Measured at
10% Offset from fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com