Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9166 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9166 Datasheet HTML 35Page - Analog Devices AD9166 Datasheet HTML 36Page - Analog Devices AD9166 Datasheet HTML 37Page - Analog Devices AD9166 Datasheet HTML 38Page - Analog Devices AD9166 Datasheet HTML 39Page - Analog Devices AD9166 Datasheet HTML 40Page - Analog Devices AD9166 Datasheet HTML 41Page - Analog Devices AD9166 Datasheet HTML 42Page - Analog Devices AD9166 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 39 of 138
For proper functioning, all lanes on a link must be read during
the same LMFC period. Section 6.1 of the JESD204B specifica-
tion states that the LMFC period must be larger than the maximum
link delay. For the AD9166, this is not necessarily the case.
Instead, the AD9166 uses a local LMFC for each link (LMFCRx)
that can be delayed from the SYSREF± aligned LMFC.
Because the LMFC is periodic, this delay can account for any
amount of fixed delay. As a result, the LMFC period must only
be larger than the variation in the link delays, and the AD9166 can
achieve proper performance with a smaller total latency.
Figure 59 and Figure 60 show a case where the link delay is
greater than an LMFC period. Note that it can be accommodated
by delaying LMFCRx.
ILAS
DATA
POWER CYCLE
VARIANCE
LMFC
ALIGNED DATA
EARLY ARRIVING
LMFC REFERENCE
LATE ARRIVING
LMFC REFERENCE
Figure 59. Link Delay > LMFC Period Example
The method to select the LMFCDel (Register 0x304), and
LMFCVar (Register 0x306) variables is described in the Link
Delay Setup Example, with Known Delays section.
Setting LMFCDel appropriately ensures that all the corresponding
data samples arrive in the same LMFC period. Then, LMFCVar
is written into the receive buffer delay to absorb all link delay
variation. This write ensures that all data samples have arrived
before reading. By setting these to fixed values across runs and
devices, deterministic latency is achieved.
The receive buffer delay described in the JESD204B specification
takes values from one frame clock cycle to K frame clock cycles,
and the receive buffer delay of the AD9166 takes values from 0
PCLK cycles to 10 PCLK cycles. As a result, up to 10 PCLK
cycles of total delay variation can be absorbed. LMFCVar and
LMFCDel are both in PCLK cycles. The PCLK factor, or
number of frame clock cycles per PCLK cycle, is equal to 4/F.
For more information on this relationship, see the Clock
Relationships section.
Two examples follow that show how to determine LMFCVar
and LMFCDel. After they are calculated, write LMFCDel into
Register 0x304 for all devices in the system, and write LMFCVar
to Register 0x306 for all devices in the system.
ILAS
DATA
FRAME CLOCK
POWER CYCLE
VARIANCE
LMFC
ALIGNED DATA
LMFCRX
LMFC_DELAY_0
LMFC REFERENCE FOR ALL POWER CYCLES
Figure 60. LMFC_DELAY_0 to Compensate for Link Delay > LMFC Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com