Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9166 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9166 Datasheet HTML 12Page - Analog Devices AD9166 Datasheet HTML 13Page - Analog Devices AD9166 Datasheet HTML 14Page - Analog Devices AD9166 Datasheet HTML 15Page - Analog Devices AD9166 Datasheet HTML 16Page - Analog Devices AD9166 Datasheet HTML 17Page - Analog Devices AD9166 Datasheet HTML 18Page - Analog Devices AD9166 Datasheet HTML 19Page - Analog Devices AD9166 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 16 of 138
Pin No.
Mnemonic
Description
B13
AMP_VBG
Amplifier Band Gap Voltage. Connect Pin B13 to a 0.1 μF
capacitor to ground, and a 1 kΩ resistor in series with a
1 μF capacitor to ground. For information about the
voltage measured at this pin, VBGA, see the Amplifier
Junction Temperature Sensor section.
B14
CS_AMP
Amplifier Serial Port Chip Select (Active Low) Input.
CMOS levels on Pin B14 are determined with respect to
VDD_IO.
C3, C4, D3 to D5, D17, E3 to E5, E15 to E17
DAC_N1P2_AN
−1.2 V Analog Supply Voltage.
C5 to C7, C13, C14, D12, D13, D16, G10 to G16, H11,
H13, J9
DAC_2P5_AN
2.5 V Analog Supply Voltage.
C11, D11
AMP_1P8_BYPASS
Bypass Node for Internal1.8 V Analog Supply. Short
Pin C11 and Pin D11 and connect a 1 μF capacitor to
ground.
C16
ISET
DAC Reference Current. Connect Pin C16 with a 9.76 kΩ
resistor (RSET) to DAC_N1P2_AN.
C17
VREF
DAC 1.2 V Reference Input/Output. Connect Pin C17 with
a 1 μF capacitor to ground.
D6, E6
AMP_3P3
3.3 V Analog Supply Voltage.
D7, D8, E9, E10, E11
AMP_N5
−5 V Analog Supply Voltage.
D14, D15
DAC_1P2_AN
1.2 V Analog Supply Voltage.
E1, F1
CLK+, CLK−
Positive and Negative Device Clock Inputs. When FIR85 is
disabled, the input frequency to these pins (fCLK) is the
DAC clock frequency (fDAC). When FIR85 is enabled, fDAC =
2× fCLK.
E7, E8
AMP_3P3_OUT
3.3 V Analog Supply Voltage for the Output Stage of the
Amplifier.
E12, M7, M12
VDD_IO
Supply Voltage for CMOS Input/Output and SPI.
Operational for 1.8 V to 3.3 V plus tolerance (see Table 1
for details).
E13, E14, F5, F6, F12 to F16
DAC_1P2_CLK
1.2 V Clock Supply Voltage.
F7, F8, F9
AMP_5V_IN
5 V Analog Supply Voltage for the Input Stage of the
Amplifier. Pin F7 to Pin F9 internally supply the full-scale
current to the output stage of the DAC.
H1, J1
SYSREF+, SYSREF−
System Reference Positive and Negative Inputs. The H1
and J1 pins are self biased for ac coupling. They both can
be either ac-coupled or dc-coupled.
H7, J8, K13, P8
DNC
Do Not Connect. Do not connect these pins. Leave the
DNC pins floating.
H12
DAC_VBGNEG
DAC Band Gap Voltage. Connect Pin H12 with a 0.1 μF
capacitor to DAC_N1P2_AN.
J12
SDIO
Serial Port Data Input/Output. CMOS levels on Pin J12 are
determined with respect to VDD_IO. See the Serial Data
I/O (SDIO) section for details.
J13
SDO
Serial Port Data Output. CMOS levels on Pin J13 are
determined with respect to VDD_IO.
J14
SCLK
Serial Port Data Clock. CMOS levels on Pin J14 are
determined with respect to VDD_IO. See the Serial Clock
(SCLK) section for details.
L1, M1
SERDIN7+, SERDIN7−
SERDES Lane 7 Negative and Positive Inputs.
L4, L15, M4, M8, M10, M11, M15, N4, N15, P5, P6, P10,
P13, P14, R5 to R7, R13 to R15
DAC_1P2_SER
1.2 V SERDES Digital Supply.
L5
IRQ
Interrupt Request Output (Active Low, Open Drain).
L18, M18
SERDIN0+, SERDIN0−
SERDES Lane 1 Positive and Negative Inputs.
M5
TX_ENABLE
Transmit Enable Input. Pin M5 can be used instead of the
DAC output bias power-down bits in Register 0x040,
Bits[1:0], to enable the DAC output. CMOS levels are
determined with respect to VDD_IO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com