Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-1-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1032ACPZ-1-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-1-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1032ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 3 of 37
SPECIFICATIONS
VINP voltage (VINP) = 24 V, MVDD voltage (VMVDD) = 3.3 V, SVDDx voltage (VSVDDx) = 3.3 V, VOUT1 voltage (VOUT1) = 24 V, VOUT2 voltage
(VOUT2) = 3.3 V, and ambient temperature (TA) = 25°C for typical specifications. Minimum and maximum specifications apply over the entire
operating range of 4.5 V ≤ VINP ≤ 60 V, 2.3 V ≤ VMVDD ≤ 5.5 V, 1.8 V ≤ VSVDDx ≤ 5.5 V, and −40°C ≤ TJ ≤ +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VINP
VINP
4.5
60
V
MVDD
VMVDD
2.3
5.5
V
SVDDx
VSVDDx
1.8
5.5
V
Applies to SVDD1 and SVDD2
OUTPUT POWER AND EFFICIENCY
Transformer = Coilcraft ZA9644-AE
Total Output Power
2.5
W
VOUT1 current (IOUT1) = 100 mA
VOUT2 current (IOUT2) = 30 mA
623
mW
IOUT1 = 25 mA, IOUT2 = 7 mA
Efficiency
86.5
%
IOUT1 = 100 mA, IOUT2 = 30 mA
84.5
%
IOUT1 = 25 mA, IOUT2 = 7 mA
Power Dissipation
390
mW
IOUT1 = 100 mA, IOUT2 = 30 mA
114
mW
IOUT1 = 25 mA, IOUT2 = 7 mA
QUIESCENT CURRENT
VINP
Operating Current
IQ_VINP
1.9
mA
Normal operation, VOUT1,
VOUT2 = no load
Shutdown Current
ISHDN_VINP
125
175
µA
EN voltage (VEN) = 0 V
MVDD
SPI Active Mode
IQ_MVDD(SPI_ACTIVE)
4.1
6.5
mA
VIx1 = logic low, MSS = logic low
9.2
14
mA
VIx1 = logic high, MSS = logic low
SPI Low Power Mode
IQ_MVDD(SPI_LOWPWR)
1.6
2.5
mA
VIx1 = logic low, MSS = logic high
1.6
2.5
mA
VIx1 = logic high, MSS = logic high
SVDD1
SPI Active Mode
IQ_SVDD1(SPI_ACTIVE)
1.8
2.7
mA
VIx1 = logic low, SSS = logic low
5.7
8.6
mA
VIx1 = logic high, SSS = logic low
SPI Low Power Mode
IQ_SVDD1(SPI_LOWPWR)
1.8
2.7
mA
VIx1 = logic low, SSS = logic high
1.8
2.7
mA
VIx1 = logic high, SSS = logic high
SVDD2
IQ_SVDD2
15.5
22
µA
VIx1 = logic low
2
2.5
mA
VIx1 = logic high
Undervoltage Lockout (UVLO)
VINP
Relative to PGNDP
Rising Threshold
VUVLO_VINP(RISE)
4.44
4.49
V
Falling Threshold
VUVLO_VINP(FALL)
4.29
4.34
V
Hysteresis
100
mV
MVDD
Relative to MGND
Rising Threshold
VUVLO_MVDD (RISE)
2.14
2.28
V
Falling Threshold
VUVLO_MVDD (FALL)
1.9
2
V
Hysteresis
140
mV
THERMAL SHUTDOWN
Threshold
TSHDN
150
°C
Hysteresis
THYS
15
°C
PRECISION ENABLE
Rising Input Threshold
VEN_RISING
1.10
1.135
1.20
V
Input Hysteresis
VEN_HYST
100
mV
Leakage Current
0.03
0.5
µA
VEN = VINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com