Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-1-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1032ACPZ-1-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-1-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1032ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 18 of 37
50
55
60
65
70
75
80
85
90
0
20
40
60
80
100
120
140
160
IOUT2 (mA)
VOUT1 = 6V
VOUT1 = 15V
VOUT1 = 24V
VOUT1 = 28V
Figure 40. Buck Regulator Efficiency vs. Load Current over Various VOUT1,
VOUT2 = 3.3 V, TA = 25°C
IOUT2 (mA)
100
80
60
40
20
0
1.5
–1.5
1.0
–1.0
0.5
–0.5
0
–40°C
+25°C
+125°C
Figure 41. Buck Regulator Load Regulation Across Temperature,
VOUT2 = 3.3 V, VOUT1 = 24 V, Nominal Conditions = VOUT2 at 25 mA IOUT2
0
20
40
60
80
100
120
140
160
0
10
20
30
VOUT1 (V)
VOUT2 = 3.3V
VOUT2 = 5V
VOUT2 = 5.15V
Figure 42. Buck Regulator Maximum Output Current Over Various Buck
Regulator Output Voltages, TA = 25°C, VINP = 24 V, IOUT1 = 0 mA,
Based on Target of 70% ILIM (FLYBACK) or ILIM (BUCK), Whichever Comes First
IOUT2 (mA)
50
55
60
65
70
75
80
85
90
0
40
60
80
100
120
140
160
–40°C
+25°C
+125°C
20
Figure 43. Buck Regulator Efficiency vs. Load Current Across Temperature,
VOUT1 = 24 V, VOUT2 = 5 V
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
5
10
15
20
25
30
VOUT1 (V)
–40°C
+25°C
+125°C
Figure 44. Buck Regulator Line Regulation Across Temperature,
VOUT2 = 5.15 V, IOUT2 = 7 mA, Nominal Conditions = VOUT2 at 24 V VOUT1
0
20
40
60
80
100
120
140
160
180
0
5
10
15
20
25
30
VOUT1 (V)
VOUT2 = 3.3V
VOUT2 = 5V
VOUT2 = 5.15V
Figure 45. Buck Regulator Maximum Output Current Over Various Buck
Regulator Output Voltages, TA = 25°C, VINP = 24 V, VOUT1 = 24 mA,
Based on Target of 70% ILIM (FLYBACK) or ILIM (BUCK), Whichever Comes First



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com