Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-1-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1032ACPZ-1-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-1-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1032ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 6 of 37
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Channel Matching
Codirectional
tPSKCD
0.5
5.5
ns
Opposing Direction
tPSKOD
0.5
4
ns
Propagation Delay
tPHL, tPLH
50% input to 50% output
7
11
ns
VMVDD = 5 V, VSVDD1 = 5 V
7
12
ns
VMVDD = 3.3 V, VSVDD1 = 5 V
7
15
ns
VMVDD = 3.3 V, VSVDD1 = 3.3 V
8.5
12
ns
VMVDD = 2.3 V, VSVDD1 = 1.8 V
Jitter
620
ps p-p
VMVDD = 5 V, VSVDD1 = 5 V
100
ps rms
VMVDD = 5 V, VSVDD1 = 5 V
440
ps p-p
VMVDD = 3.3 V, VSVDD1 = 5 V
80
ps rms
VMVDD = 3.3 V, VSVDD1 = 5 V
290
ps p-p
VMVDD = 3.3 V, VSVDD1 = 3.3 V
60
ps rms
VMVDD = 3.3 V, VSVDD1 = 3.3 V
410
ps p-p
VMVDD = 2.3 V, VSVDD1 = 1.8 V
110
ps rms
VMVDD = 2.3 V, VSVDD1 = 1.8 V
MGPI1, MGPI2, SGPI3
Data Rate
100
kbps
Input Pulse Width
tPW
10
μs
Within PWD limit
Propagation Delay
tPHL, tPLH
14
μs
50% input to 50% output
Jitter
19.5
μs
ISOLATORS AC SPECIFICATIONS
General-Purpose Input/Output
(GPIO)
Output Rise Time/Fall Time
tR/tF
2.5
ns
10% to 90%
SPI
Output Rise Time/Fall Time
tR/tF
2
ns
10% to 90%
Common-Mode Transient
Immunity7
|CM|
100
kV/μs
1 VIx is the Channel x logic input, where Channel x can be MCK, MO, SO, MGPI1, MGPI2, or SGPI3.
2 VxVDD = VMVDD or VSVDDx. In these places, either VMVDD or VSVDDx can be used.
3 IOx is the output current of the pin.
4 VIXH is the input side, logic high.
5 VIXL is the input side, logic low.
6 VOX is the voltage where the output is pulled.
7 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VOUT > 0.8 MVDD and/or SVDDx. The common-mode voltage slew
rates apply to both rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com