Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1032ACPZ-1-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1032ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
ADP1032
Rev. 0 | Page 5 of 37
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
BUCK REGULATOR
Output Voltage
VOUT2
5.15
V
ADP1032ACPZ-1
5.0
V
ADP1032ACPZ-2 and
ADP1032ACPZ-4
3.3
V
ADP1032ACPZ-3 and
ADP1032ACPZ-5
Output Voltage Accuracy
−1.5
+1.5
%
IOUT2 = 10 mA, applies to all models
Load Regulation
(ΔVOUT2/VOUT2)/
ΔIOUT2
−0.0005
%/mA
IOUT2 = 2 mA to 50 mA
Line Regulation
(ΔVOUT2/VOUT2)/
ΔVOUT1
0.0004
%/V
VOUT1 = 6 V to 28 V, IOUT2 = 7 mA
Power FET On Resistance
RON_NFET (BUCK)
1
Ω
SW2 current (ISW2) = 100 mA
RON_PFET (BUCK)
2.5
Ω
ISW2 = 100 mA
Current-Limit Threshold
ILIM (BUCK)
280
300
320
mA
SW2 Leakage Current
P Type Metal-Oxide
Semiconductor (PMOS)
0.03
0.5
µA
VSW2 = 0 V
N Type Metal-Oxide
Semiconductor (NMOS)
0.03
0.5
µA
VSW2 = 28 V
Switching Frequency
fSW (BUCK)
117.5
125
132.5
kHz
SYNC = low or high
fSYNC/4
kHz
SYNC = external clock
Minimum On Time
200
ns
Soft Start Timer
tSS (BUCK)
8
ms
Active Pull-Down Resistor
RPD (BUCK)
1.7
kΩ
1.23 V < VOUT1 < 4.5 V
ISOLATORS, DC SPECIFICATIONS
MCK, MSS, MO, SO, MGPI1,
MGPI2, SGPI3
Input Threshold
Logic High
VIH
0.7 × VxVDD2
V
Logic Low
VIL
0.3 × VxVDD2
V
Input Current
II
−1
+1
µA
0 V ≤ VINPUT ≤ VxVDD2
SCK, SSS, SI, MI
Output Voltage
Logic High
VOH
VxVDD2 − 0.1
V
IOx3 = −20 µA, VIx = VIXH4
VxVDD2 − 0.4
V
IOx3 = −2 mA, VIx = VIXH4
Logic Low
VOL
0.1
V
IOx3 = 20 µA, VIx = VIXL5
0.15
0.4
V
IOx3 = 2 mA, VIx = VIXL5
SGPO1, SGPO2, MGPO3
Output Voltage
Logic High
VOH
VxVDD2 − 0.1
V
IOx3 = −20 µA, VIx = VIXH4
VxVDD2 − 0.4
V
IOx3 = −500 µA, VIx = VIXH4
Logic Low
VOL
0.1
V
IOx3 = 20 µA, VIx = VIXL5
0.15
0.4
V
IOx3 = 500 µA, VIx = VIXL5
SCK, SI, MI
Tristate Leakage
−1
+0.01
+1
µA
MSS = logic high
−1
+0.01
+1
µA
VOX6 = VxVDD2
ISOLATORS, SWITCHING
SPECIFICATION
MCK, MSS, MO, SO
SPI Clock Rate
SPIMCK
16.6
MHz
Latency (MSS)
100
125
ns
Delay from MSS going low to the
first data out is valid
Input Pulse Width
tPW
17
ns
Within PWD limit
Input Pulse Width Distortion
tPWD
0.25
6.5
ns
|tPLH − tPHL|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com