Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-1-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1032ACPZ-1-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-1-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1032ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 20 of 37
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
DATA RATE (Mbps)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 52.MVDD Supply Current (IMVDD ) per SPI Input vs. Data Rate at Various
Supply Voltages, MSS Low, Clock Signal Applied on Single SPI Channel, Other
Input Channels Tied Low
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
DATA RATE (Mbps)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 53. IMVDD per SPI Output vs. Data Rate at Various Supply Voltages, MSS Low,
Clock Signal Applied on Single SPI Channel, Other Input Channels Tied Low
0
2
4
6
8
10
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 54. IMVDD vs. Temperature at Various Supply Voltages, MSS Low, Data
Rate = 10 Mbps on All SPI Channels
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
DATA RATE (Mbps)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 55.SVDD1 Supply Current (ISVDD1) per SPI Input vs. Data Rate at Various
Supply Voltages, SSS Low, Clock Signal Applied on Single SPI Channel,
Other Input Channels Tied Low
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100
DATA RATE (Mbps)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 56. ISVDD1 vs. Data Rate at Various Supply Voltages, SSS Low, Clock
Signal Applied on Single SPI Channel, Other Input Channels Tied Low
0
2
4
6
8
10
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VMVDD = 2.5V, VSVDD1 = 1.8V
VMVDD = 3.3V, VSVDD1 = 3.3V
VMVDD = 5.0V, VSVDD1 = 5.0V
Figure 57. ISVDD1 vs. Temperature at Various Supply Voltages, SSS Low, Data
Rate = 10 Mbps on All SPI Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com