Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1032ACPZ-1-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1032ACPZ-1-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-1-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1032ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP1032ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 10 of 37
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24
1
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. EPGNDP IS INTERNALLY CONNECTED TO PGNDP,
EPGNDM IS INTERNALLY CONNECTED TO MGND,
AND EPGND2 IS INTERNALLY CONNECTED TO SGND.
MI
2
MSS
3
MGND
TOP VIEW
(Not to Scale)
ADP1032
4
SGND2
5
SGND1
6
SSS
7
SO
DNC
25 DNC
26 DNC
27 SGND2
28 PGNDP
29 SWP
30 VIN
P
FP
M
EPGNDM
EPGND2
EPGNDP
S
Figure 3. Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Isolation
Domain
Direction
Description
1
MI
Master
Output
SPI Data Output from the Slave MI and SO Line. This pin is paired with SO. On the
slave domain, SO drives this pin.
2
MSS
Master
Input
SPI Slave Select Input from the Master Controller. This pin is paired with SSS. On the
slave domain, this pin drives SSS. This signal uses an active low logic.
3
MGND
Master
Ground
Master Domain Signal Ground Connection.
4
SGND2
Slave
Ground
Slave Domain Ground Connection. This pin can be left unconnected.
5
SGND1
Slave
Ground
Slave Domain SPI Isolator Ground.
6
SSS
Slave
Output
SPI Slave Select Output. This pin is paired with MSS. On the master domain, MSS
drives this pin.
7
SO
Slave
Input
SPI Data Input Going to the Master MI and SO Line. This pin is paired with MI. On
the master domain, this pin drives MI.
8
SI
Slave
Output
SPI Data Output from the Master MO and SI Line. This pin is paired with MO. On
the master domain, MO drives this pin.
9
SCK
Slave
Output
SPI Clock Output from the Master. This pin is paired with MCK. On the master
domain, MCK drives this pin.
10
SVDD1
Slave
Power
SPI Isolator Power Supply. Connect a 100 nF decoupling capacitor from SVDD1 to
SGND1.
11 to 14, 24
to 26
DNC
Slave
Not applicable
Do Not Connect. Do not connect to this pin.
14
SYNC
Slave
Input
SYNC Pin. To synchronize the switching frequency, connect the SYNC pin to an
external clock at twice the required switching frequency. Do not leave this pin
floating. Connect a 100 kΩ pull-down resistor to SGND2.
15
VOUT2
Slave
Power
Buck Regulator Output Feedback.
16
SGND2
Slave
Ground
Slave Power Ground. Ground return for buck regulator output capacitors.
17
SW2
Slave
Not applicable
Buck Regulator Switch Node.
18
VOUT1
Slave
Power
Flyback Regulator Output and Overvoltage Sense. Input to buck regulator.
19
FB1
Slave
Feedback Node for the Flyback Regulator.
20
SVDD2
Slave
Power
GPIO Isolators Power Supply. Connect a 100 nF decoupling capacitor from SVDD2
to SGND2.
21
SGPI3
Slave
Input
General-Purpose Input 3. This pin is paired with MGPO3.
22
SGPO2
Slave
Output
General-Purpose Output 2. This pin is paired with MGPI2.
23
SGPO1
Slave
Output
General-Purpose Output 1. This pin is paired with MGPI1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com