Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074WARWZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1074WARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074WARWZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1074WARWZ-R7 Datasheet HTML 23Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 24Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 25Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 26Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 27Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 28Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 29Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 30Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 27 of 32
LAYOUT GUIDELINES
The layout guidelines for the primary side are as follows:
1.
Ground all the capacitors to their respective grounds. For
example, ground the SS1 capacitor to AGND1.
2.
Use the CS pin and the AGND1 pin to differentially sense
the primary current measurement through the sense
resistor. Do not cross the CS and AGND1 traces for
current sensing across any switch nodes.
3.
Place a capacitor (33 pF to 470 pF typical) close to the CS
pin, connected to AGND1.
4.
Connect the ground plane on the primary side to PGND1.
5.
Connect AGND1 to PGND1 using a 0 Ω resistor.
6.
Place resistors (1 Ω to 5 Ω typical) in series with NGATE
and the main power MOSFET. These resistors aid in
eliminating any ringing on the drive voltages.
The layout guidelines for the secondary side are as follows:
1.
Ground all the capacitors to their respective grounds. For
example, ground the SS2 capacitor to AGND2.
2.
Place resistors (1 Ω to 5 Ω) in series with SRx and the
synchronous MOSFET. These resistors aid in eliminating
any ringing on the drive voltages.
3.
Connect the ground plane on the secondary side to
PGND2. Connect the negative terminal of the output
voltage to the PGND2 plane.
4.
Use the FB pin and the AGND2 pin to remotely
differentially sense the output voltage by connecting
AGND2 to the negative terminal of the output voltage
using a 0 Ω resistor.
5.
Use a 100 nF capacitor on the MODE pin if light load
mode is used in noisy environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com