Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074WARWZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1074WARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074WARWZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1074WARWZ-R7 Datasheet HTML 9Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 10Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 11Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 12Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 13Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 14Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 15Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 16Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 13 of 32
Pin No.
Mnemonic
Description
16
COMP
Compensation Node on the Secondary Side. This pin is the output of the transconductance (gm) amplifier. This
pin is referenced to AGND2.
17
FB
Feedback Node on the Secondary Side. Set up the resistive divider from the output voltage such that the
nominal voltage, when the power supply is in regulation, is 1.2 V. Reference this pin to AGND2.
18
OVP
Output Overvoltage Protection (OVP). The OVP threshold is set at 1.36 V. Connect a resistive divider from OVP to
the output and AGND2.
19
VDD2
Input Supply on the Secondary Side. Connect VDD2 to the output voltage of the power supply for a self driven
configuration. Connect a 4.7 μF capacitor from VDD2 to AGND2. The size of this capacitor can be reduced if the
input voltage to VDD2 is guaranteed stable.
20
VREG2
5 V Regulated Low Dropout (LDO) Output for Internal Bias and Powering of the Drivers of the Synchronous
Rectifiers. Do not use VREG2 as a reference or load. Connect a 1 μF capacitor from VREG2 to AGND2.
21
AGND2
Analog Ground on the Secondary Side. Star connect AGND2 to PGND2. Use AGND2 for differential sensing of the
output voltage between the FB pin and AGND2.
22
PGND2
Power Ground on the Secondary Side. Star connect PGND2 to AGND2.
23
SR2
MOSFET Driver Output 2 for the Synchronous Rectifier MOSFET. This PWM controls the freewheeling switch.
24
SR1
MOSFET Driver Output 1 for the Synchronous Rectifier MOSFET. This PWM is in phase with NGATE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com