Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074WARWZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1074WARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074WARWZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1074WARWZ-R7 Datasheet HTML 17Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 20Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 21Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 22Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 23Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 24Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 21 of 32
R3 is sized to bias the Zener diode and R4 is sized such that
(VZENER – 1)/R4 > IZENER, where VZENER is the voltage of the
diode and IZENER is the biasing current of the diode. This
sizing ensures that the impedance of the resistor is less
than the impedance of the diode, which causes the voltage
of the diode to drop, and allows VDD2 to enter UVLO.
If the output voltage is <5 V, the same procedure can be
used to size the R4 resistor. If a discrete LDO is not used, a
simple resistor and diode connector to the output voltage
is sufficient. In this case, the R4 resistor is sized to limit the
current through the D1 diode when the output voltage is
0 V during a short-circuit event. Because the bandwidth of
the system is high, the ADP1074 is able to maintain
voltage regulation at the proper voltage level, even if the
auxiliary winding voltage is higher than the output voltage.
The soft start and soft start from precharge conditions is
met with the addition of this circuit due to the bandwidth
of the overall system.
R3
500Ω
R4
100Ω
VDD2
VOUT
AGND2
~6.3V
ZENER
D1
D1
VOUT
R4
100Ω
ALTERNATE OPTION
FROM AUMILIARY
WINDING
~10V
Figure 15. Recommended Circuit to Guarantee Hiccup Mode Showing
Typical Values
TEMPERATURE SENSING
The ADP1074 has an internal temperature sensor that shuts
down the controller when the internal temperature exceeds the
OTP limit. At this time, the primary and secondary MOSFET
drivers (PGATE, NGATE, SR1, and SR2) are held low. When the
temperature drops below the OTP hysteresis level, the ADP1074
restarts with a soft start sequence.
FREQUENCY SETTING (RT PIN)
The switching frequency can be programmed in a range of
50 kHz to 600 kHz by connecting a resistor from RT to AGND1.
A small current flows out of the RT pin and the voltage across it
sets up the internal oscillator frequency. The value of this pin is
approximately 1.224 V in steady state. Use the following equation
to determine the resistor (in Ω) for a particular switching
frequency (in kHz):
1000
1
)
(
10
67
.
41
1
(kHz)
12
BOT
TOP
S
R
R
f
where:
fS is the switching frequency.
RTOP is the top resistor of the divider.
RBOT is the bottom resistor of the divider.
MAXIMUM DUTY CYCLE
To prevent the transformer core from saturating in the event of
high current or extreme load transient and reduce voltage stress
on the MOSFETs, a maximum duty cycle clamp can be set by
connecting the DMAX pin to the center tap of the resistive
divider that is connected from RT to AGND1, as shown in
Figure 16.
RTOP
RBOT
DMAX
RT
ADP1074
PGND1
AGND1
Figure 16. Setting the Maximum Duty Cycle, DMAX
The maximum duty cycle is calculated by the following:
%
)
(
50
50
BOT
TOP
BOT
MAX
R
R
R
D
where:
DMAX is 50% when RBOT is 0 Ω or when the DMAX pin is
connected to AGND1. For example, when RTOP is equal to RBOT,
DMAX is 75%. DMAX can reach 100% if RTOP is 0 or when RBOT
becomes open circuit.
RBOT is the bottom resistor of the divider.
RTOP is the top resistor of the divider.
As an added protection feature to prevent open-loop conditions,
the maximum duty cycle is also applicable during soft start. If the
controller reaches DMAX during soft start for three con-
secutive switching periods, the 40 ms hiccup timer is initiated.
FREQUENCY SYNCHRONIZATION
The switching frequency of the ADP1074 can be synchronized
to an external clock at the SYNC pin. When an external clock
rising edge is first detected, it takes approximately seven to ten
periods for the internal clock to lock in the SYNC clock frequency.
In between the time that the SYNC clock is detected and the
time that it is locked in, the controller continues to operate with
the internal oscillator frequency.
The SYNC frequency must be within ±10% of the internal
oscillator frequency set by the RT pin; otherwise, synchronization
does not take place.
A clock signal can be applied to SYNC on the fly or prior to the
soft start sequence. A dithered clock can also be applied to
SYNC to reduce the peak electromagnetic interference (EMI)
noise in the converter output and switch node. The internal
clock is able to lock onto the dithered clock cycle by cycle.
It is recommended to connect the SYNC pin to AGND1 if this
feature is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com