Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074WARWZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1074WARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074WARWZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1074WARWZ-R7 Datasheet HTML 6Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 7Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 8Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 9Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 10Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 11Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 12Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 13Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 10 of 32
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
This isolator is suitable for reinforced isolation within the safety limit data only. Maintenance of the safety data is ensured by protective
circuits. Note that the asterisk (*) marked on the package denotes DIN V VDE V 0884-10 approval for a 560 V peak working voltage.
Table 7. DIN V VDE V 0884-10 (VDE V 0884-10) Insulation Characteristics for LGA Package
Description
Conditions
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
565
VPEAK
Input-to-Output Test Voltage, Method B1
VIORM × 1.875 = VPR, 100% production test, tm = 1 sec,
partial discharge < 5 pC
VPR
1060
VPEAK
Input-to-Output Test Voltage, Method A
VIORM × 1.6 = VPR, tm = 60 sec, partial discharge < 5 pC
VPR
After Environmental Tests Subgroup 1
905
VPEAK
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, partial discharge < 5 pC
679
VPEAK
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 seconds
VTR
4242
VPEAK
Surge Isolation Voltage Reinforced
VPEAK = 10 kV, 1.2 μs rise time, 50 μs, 50% fall time
VIOSM
6000
VPEAK
Safety-Limiting Values
Maximum value allowed in the event of a failure;
see Figure 3
Case Temperature
TS
150
°C
Side 1 Current
IS1
160
mA
Side 2 Current
IS2
170
mA
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 3. Thermal Derative Curve, Dependence of Safety Limiting Values with Ambient Temperature per DINV VDE V 0884-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com