Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074WARWZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1074WARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074WARWZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1074WARWZ-R7 Datasheet HTML 24Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 25Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 26Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 27Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 28Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 29Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 30Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 31Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 31 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-013-AD
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
15.60 (0.6142)
15.20 (0.5984)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
24
13
12
1
1.27 (0.0500)
BSC
Figure 28. 24-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-24)
Dimensions shown in millimeters and (inches)
PIN 1
INDICATOR
SEATING
PLANE
8.10
8.00
7.90
4.10
4.00
3.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.25
0.20
0.15
0.35
0.30
0.25
0.75 REF
6.50 BSC
2.25
BSC
3.78 BSC
2.825 BSC
1.15
2.50
BSC
2.80
1.775
BSC
0.50
BSC
0.25
BSC
0.28 REF
1.20
MAX
COPLANARITY
0.08
1
9
10
15
16
21
22
24
3
4
PIN 1 CORNER
INDICATOR
Figure 29. 24-Terminal Land Grid Array [LGA]
(CC-24-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP1074WARWZ
−40°C to +125°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
ADP1074WARWZ-RL
−40°C to +125°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
ADP1074WARWZ-R7
−40°C to +125°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
ADP1074ARWZ
−40°C to +125°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
ADP1074ARWZ-RL
−40°C to +125°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
ADP1074ARWZ-R7
−40°C to +125°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
ADP1074-EVALZ
ADP1074 Evaluation Board with Wide Body IC
ADP1074ACCZ
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1074ACCZ-RL
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1074ACCZ-R7
−40°C to +125°C
24-Terminal Land Grid Array [LGA]
CC-24-6
ADP1074LGA-EVALZ
ADP1074 Evaluation Board with LGA IC
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com