Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074WARWZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1074WARWZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074WARWZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1074WARWZ-R7 Datasheet HTML 16Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 17Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 20Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 21Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 22Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 23Page - Analog Devices ADP1074WARWZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 20 of 32
The COMP node is clamped to a lower and higher level of
approximately 0.7 V and 2.52 V, respectively. This is
representative of the CS range from 0 mV to 120 mV.
SLOPE COMPENSATION
For a peak current mode controller with duty cycle higher than
50%, slope compensation is necessary for a stable operation. To
set up an external compensation in the ADP1074, connect the
external RRAMP resistor (see Figure 25) between CS and the current
sense resistor, RSENSE, to set up the slope voltage ramp for the
control signal. It is important to sense the signal differentially.
See the Layout Guidelines section for more details.
An internal ramp current starts from 0 μA at the minimum duty
cycle (that is, the beginning of the switching period) and increases
linearly toward a maximum of 20 μA at the end of the switching
period. The slope of the voltage ramp is the ramp current times
RRAMP. RRAMP is sized using the following equation:
20 μA
OUT
SENSE
RAMP
S
VN2
R
Rk
t
LN1

where:
k = 0.5 for nominal cases and k = 1 for deadbeat control.
VOUT is the desired output voltage.
L is the output inductor.
N1 and N2 are the primary and secondary turns of the
transformer.
tS is the switching period.
INPUT/OUTPUT CURRENT-LIMIT PROTECTION
There is no direct current-limit sensing circuit on the secondary;
the output current limit is indirectly limited by the cycle-by-cycle
primary side current limit of 120 mV on the CS pin.
The input peak current limit is set by connecting a sense
resistor, RSENSE, from the source of the main MOSFET to
PGND1 (see Figure 25), and the sensed voltage appears at the
CS pin. To generate the slope-comp ramp, insert the slope
compensation resistor, RRAMP, between CS and RSENSE.
The CS current limit, VCSLIM, is internally set to 120 mV. Calculate
the RSENSE value by
20 μA
CSLIM
RAMP
SENSE
PKPRI
VR
R
I

where:
VCSLIM is the CS current limit.
IPKPRI is the primary peak current.
When the sensed input peak current is above the CS limit
threshold, the controller operates in the cycle-by-cycle constant
current-limit mode for 1.5 ms. Then the controller immediately
shuts down the primary and secondary drivers. The controller
then goes into hiccup mode for the next 40 ms and restarts the
soft start sequence after this timeout period.
The slope ramp can affect the accuracy of the current-limit
threshold because the voltage drop across RRAMP contributes to
the inaccuracy of the peak current limit. For instance, if the
added slope ramp voltage is 20% of the current-limit threshold,
the actual input peak current limit can be off by as much as
20% depending on where the peak current-limit threshold is
tripped during the on cycle. In the event of an output short
circuit, the controller treats this condition as an overcurrent
event and enters the 40 ms hiccup mode.
Under certain conditions, the ADP1074 exits OCP hiccup
mode. In these conditions, the COMP pin is at the maximum
clamp level, but the device does not enter hiccup mode.
However, it is guaranteed that the PWMs are terminated
whenever the CS maximum threshold is reached. The condition
under which the ADP1074 skips entering hiccup mode is when
VDD2 is powered through an auxiliary winding and an output
short circuit occurs that results in the FB pin having a voltage
that is <300 mV. This event is more prominent at high
temperatures (>85°C), and can be exacerbated at higher
temperatures.
The root cause of the device exiting hiccup mode is due to the
effect that the OCP hiccup mode feature has on the SS2 pin.
During OCP recovery, the SS2 pin tracks the FB pin and attempts
a soft start from the precharge sequence. During the time when
SS2 tracks the FB pin, the SS2 pin voltage can be less than the
FB pin for a short interval, which causes the COMP pin (output
of the gm amplifier) to momentarily dip below the maximum
COMP pin clamp level. This event means that the current limit
required for the next few switching periods is less than the maxi-
mum threshold and puts the device out of hiccup mode because
the ADP1074 fails to register 1.25 ms worth of consecutive
overcurrent cycles.
The following scenarios guarantee OCP hiccup mode based on
the configuration of the VDD2 power supply:
1.
When VDD2 is powered directly from the output voltage,
if a short circuit occurs on the output terminals of the load
after steady state regulation is achieved, the voltage of the
VDD2 pin is less than the UVLO, and the device enters
hiccup mode for 200 ms, similar to the hiccup time described
in the Remote System Reset section.
2.
When VDD2 is powered through auxiliary winding or
another configuration, when a short circuit occurs on the
output terminals, the auxiliary winding is not shorted and
maintains a positive voltage above the UVLO threshold of
the VDD2 pin. To enter hiccup mode, it is recommended to
use the circuit shown in Figure 15. The circuit operates as
follows: when the output voltage goes low due to a short
circuit, the D1 diode turns on, which pulls the base of the
bipolar junction transistor low, shutting off VDD2. The
system then enters hiccup mode, as described in the
Remote System Reset section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com