Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8412LP2FE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8412LP2FE
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8412LP2FE Datasheet HTML 3Page - Analog Devices HMC8412LP2FE Datasheet HTML 4Page - Analog Devices HMC8412LP2FE Datasheet HTML 5Page - Analog Devices HMC8412LP2FE Datasheet HTML 6Page - Analog Devices HMC8412LP2FE Datasheet HTML 7Page - Analog Devices HMC8412LP2FE Datasheet HTML 8Page - Analog Devices HMC8412LP2FE Datasheet HTML 9Page - Analog Devices HMC8412LP2FE Datasheet HTML 10Page - Analog Devices HMC8412LP2FE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
HMC8412
Rev. 0 | Page 7 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
20
–20
–10
5
15
0
–15
–5
10
0
20
FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
INPUT RETURN LOSS
GAIN
OUTPUT RETURN LOSS
Figure 7. Broadband Gain and Return Loss vs. Frequency,
10 MHz to 20 GHz, VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ
18
0
2
4
6
8
10
12
14
16
1
13
FREQUENCY (GHz)
2
3
4
5
6
7
8
9
10
11
12
+85°C
+25°C
–40°C
Figure 8. Gain vs. Frequency for Various Temperatures, 1 GHz to 13 GHz,
VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ
18
0
2
4
6
8
10
12
14
16
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
2.1k
Ω, 50mA
1.47k
Ω, 60mA
1k
Ω, 70mA
670Ω, 80mA
14k
Ω, 20mA
5.9k
Ω, 30mA
3.3k
Ω, 40mA
Figure 9. Gain vs. Frequency for Various RBIAS Values and IDQ,
300 MHz to 13 GHz, VDD = 5 V
18
0
2
4
6
8
10
12
14
16
300
1000
FREQUENCY (MHz)
400
500
600
700
800
900
+85°C
+25°C
–40°C
Figure 10. Gain vs. Frequency for Various Temperatures, 300 MHz to 1 GHz,
VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ
18
0
2
4
6
8
10
12
14
16
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
2V, 30mA
3V, 40mA
4V, 50mA
5V, 60mA
6V, 75mA
Figure 11. Gain vs. Frequency for Various VDD and IDQ Values,
300 MHz to 13 GHz, RBIAS = 1.47 kΩ
0
–20
–15
–10
–5
+85°C
+25°C
–40°C
300
1000
FREQUENCY (MHz)
400
500
600
700
800
900
Figure 12. Input Return Loss vs. Frequency for Various Temperatures,
300 MHz to 1 GHz, VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com