Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8412LP2FE Datasheet(PDF) 17 Page - Analog Devices

Part # HMC8412LP2FE
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FE Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC8412LP2FE Datasheet HTML 10Page - Analog Devices HMC8412LP2FE Datasheet HTML 11Page - Analog Devices HMC8412LP2FE Datasheet HTML 12Page - Analog Devices HMC8412LP2FE Datasheet HTML 13Page - Analog Devices HMC8412LP2FE Datasheet HTML 14Page - Analog Devices HMC8412LP2FE Datasheet HTML 15Page - Analog Devices HMC8412LP2FE Datasheet HTML 16Page - Analog Devices HMC8412LP2FE Datasheet HTML 17Page - Analog Devices HMC8412LP2FE Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Data Sheet
HMC8412
Rev. 0 | Page 17 of 18
APPLICATIONS INFORMATION
The basic connections for operating the HMC8412 over the
specified frequency range are shown in Figure 60. No external
biasing inductor is required, allowing the 5 V supply to be
connected to the VDD pin. 0.1 µF and 100 pF power supply
decoupling capacitors are recommended. The power supply
decoupling capacitors shown in Figure 60 represent the
configuration used to characterize and qualify the HMC8412.
It is possible to reduce the number of capacitors, but this varies
from system to system. It is recommended to first remove the
largest capacitors that are farthest from the device when
reducing the number of capacitors.
To set IDQ, connect a resistor, R1, between the RBIAS and VDD
pins. A default value of 1.47 kΩ is recommended, which results
in a nominal IDQ of 60 mA. Table 8 shows how the IDQ and IDD
varies vs. the bias resistor value. The RBIAS pin also draws a
current that varies with the value of RBIAS (see Table 8). Do not
leave the RBIAS pin open.
GND
R1
RBIAS
1.47kΩ
C3
0.1µF
C2
100pF
C1
0.1µF
RFIN
RFOUT
VDD
1
2
4
5
3
6
GND
GND
GND
Figure 60. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
Power-Up Sequence
To power up, follow this bias sequence:
1. Set VDD to 5 V.
2. Apply the RF signal.
Power-Down Sequence
To power down, follow this bias sequence:
1. Turn off the RF signal.
2. Set VDD to 0 V.
Table 8. Recommended Bias Resistor Values
RBIAS (Ω)
Total Current (mA)
IDD (mA)
RBIAS Current (mA)
670
80
77.05
2.95
790
75
72.29
2.71
1000
70
67.53
2.47
1170
65
62.76
2.24
1470
60
58.04
1.96
1730
55
53.24
1.76
2100
50
48.45
1.55
2600
45
43.67
1.33
3300
40
38.89
1.11
4300
35
34.11
0.89
5900
30
29.38
0.62
8500
25
24.51
0.49
14000
20
19.69
0.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com