Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8412LP2FE Datasheet(PDF) 13 Page - Analog Devices

Part # HMC8412LP2FE
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FE Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC8412LP2FE Datasheet HTML 9Page - Analog Devices HMC8412LP2FE Datasheet HTML 10Page - Analog Devices HMC8412LP2FE Datasheet HTML 11Page - Analog Devices HMC8412LP2FE Datasheet HTML 12Page - Analog Devices HMC8412LP2FE Datasheet HTML 13Page - Analog Devices HMC8412LP2FE Datasheet HTML 14Page - Analog Devices HMC8412LP2FE Datasheet HTML 15Page - Analog Devices HMC8412LP2FE Datasheet HTML 16Page - Analog Devices HMC8412LP2FE Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
HMC8412
Rev. 0 | Page 13 of 18
40
0
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
5
10
15
20
25
30
35
+85°C
+25°C
–40°C
Figure 43. OIP3 vs. Frequency for Various Temperatures, 300 MHz to
13 GHz, VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ, POUT per Tone = 0 dBm
40
0
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
5
10
15
20
25
30
35
2V, 30mA
3V, 40mA
4V, 50mA
5V, 60mA
6V, 75mA
Figure 44. OIP3 vs. Frequency for Various VDD and IDQ Values,
300 MHz to 13 GHz, RBIAS = 1.47 kΩ, POUT per Tone = 0 dBm
60
0
0
13
FREQUENCY (GHz)
10
20
30
40
50
1
2
3
4
5
6
7
8
9
10
11
12
+85°C
+25°C
–40°C
Figure 45. OIP2 vs. Frequency for Various Temperatures, 300 MHz to
13 GHz, VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ, POUT per Tone = 0 dBm
40
0
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
5
10
15
20
25
30
35
+85°C
+25°C
–40°C
Figure 46. OIP3 vs. Frequency for Various Temperatures, 300 MHz to
13 GHz, VDD = 5 V, IDQ = 70 mA, RBIAS = 1 kΩ, POUT per Tone = 0 dBm
40
0
14k
Ω, 20mA
5.9k
Ω, 30mA
3.3k
Ω, 40mA
2.1k
Ω, 50mA
1.47k
Ω, 60mA
1k
Ω, 70mA
670Ω, 80mA
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
5
10
15
20
25
30
35
Figure 47. OIP3 vs. Frequency for Various RBIAS Values and IDQ,
300 MHz to 13 GHz, VDD = 5 V, POUT per Tone = 0 dBm
60
0
0
13
FREQUENCY (GHz)
10
20
30
40
50
1
2
3
4
5
6
7
8
9
10
11
12
+85°C
+25°C
–40°C
Figure 48. OIP2 vs. Frequency for Various Temperatures, 300 MHz to
13 GHz, VDD = 5 V, IDQ = 70 mA, RBIAS = 1 kΩ, POUT per Tone = 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com