Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8412LP2FE Datasheet(PDF) 12 Page - Analog Devices

Part # HMC8412LP2FE
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FE Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC8412LP2FE Datasheet HTML 8Page - Analog Devices HMC8412LP2FE Datasheet HTML 9Page - Analog Devices HMC8412LP2FE Datasheet HTML 10Page - Analog Devices HMC8412LP2FE Datasheet HTML 11Page - Analog Devices HMC8412LP2FE Datasheet HTML 12Page - Analog Devices HMC8412LP2FE Datasheet HTML 13Page - Analog Devices HMC8412LP2FE Datasheet HTML 14Page - Analog Devices HMC8412LP2FE Datasheet HTML 15Page - Analog Devices HMC8412LP2FE Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
HMC8412
Data Sheet
Rev. 0 | Page 12 of 18
20
0
–14
10
INPUT POWER (dBm)
72
56
60
64
68
POUT
GAIN
PAE
IDD
5
10
15
–12 –10
–8
–6
–4
–2
0
2
4
6
8
Figure 37. Gain, PAE, POUT, and IDD vs. Input Power,
Power Compression at 10 GHz, VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ
25
0
2
3
4
5
6
SUPPLY VOLTAGE (V)
PSAT
GAIN
OP1dB
IDD
5
10
15
20
80
70
60
50
40
30
Figure 38. Gain, OP1dB, PSAT, and IDD vs. Supply Voltage,
Power Compression at 3 GHz, RBIAS = 1.47 kΩ
25
0
2
3
4
5
6
SUPPLY VOLTAGE (V)
PSAT
GAIN
OP1dB
IDD
5
10
15
20
80
70
60
50
40
30
Figure 39. Gain, OP1dB, PSAT, and IDD vs. Supply Voltage,
Power Compression at 10 GHz, RBIAS = 1.47 kΩ
25
0
2
3
4
5
6
SUPPLY VOLTAGE (V)
PSAT
GAIN
OP1dB
IDD
5
10
15
20
80
70
60
50
40
30
Figure 40. Gain, OP1dB, PSAT, and IDD vs. Supply Voltage,
Power Compression at 1 GHz, RBIAS = 1.47 kΩ
25
0
2
3
4
5
6
SUPPLY VOLTAGE (V)
PSAT
GAIN
OP1dB
IDD
5
10
15
20
80
70
60
50
40
30
Figure 41. Gain, OP1dB, PSAT, and IDD vs. Supply Voltage,
Power Compression at 6 GHz, RBIAS = 1.47 kΩ
0.9
0
–14
12
INPUT POWER (dBm)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–12 –10 –8
–6
–4
–2
0
2
4
6
8
10
1GHz
3GHz
6GHz
10GHz
MAXIMUM PDISS
Figure 42. PDISS vs. Input Power at TA = 85°C,
VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com