Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8412LP2FE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8412LP2FE
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FE Datasheet(HTML) 1 Page - Analog Devices

  HMC8412LP2FE Datasheet HTML 1Page - Analog Devices HMC8412LP2FE Datasheet HTML 2Page - Analog Devices HMC8412LP2FE Datasheet HTML 3Page - Analog Devices HMC8412LP2FE Datasheet HTML 4Page - Analog Devices HMC8412LP2FE Datasheet HTML 5Page - Analog Devices HMC8412LP2FE Datasheet HTML 6Page - Analog Devices HMC8412LP2FE Datasheet HTML 7Page - Analog Devices HMC8412LP2FE Datasheet HTML 8Page - Analog Devices HMC8412LP2FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Low Noise Amplifier,
0.4 GHz to 11 GHz
Data Sheet
HMC8412
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise figure: 1.4 dB typical
Single positive supply (self biased)
High gain: ≤15.5 dB typical
High OIP3: ≤33 dBm typical
RoHS-compliant, 2 mm × 2 mm, 6-lead LFCSP
APPLICATIONS
Test instrumentation
Telecommunications
Military radar and communication
Electronic warfare
Aerospace
FUNCTIONAL BLOCK DIAGRAM
2
1
3
6
5
4
RFIN
GND
RBIAS
RFOUT
GND
VDD
HMC8412
Figure 1.
GENERAL DESCRIPTION
The HMC8412 is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic high
electron mobility transistor (pHEMT), low noise wideband
amplifier that operates from 0.4 GHz to 11 GHz.
The HMC8412 provides a typical gain of 15.5 dB, a 1.4 dB typical
noise figure, and a typical output third-order intercept (OIP3) of
≤33 dBm, requiring only 60 mA from a 5 V drain supply voltage.
The saturated output power (PSAT) of ≤20.5 dBm typical enables
the low noise amplifier (LNA) to function as a local oscillator
(LO) driver for many Analog Devices, Inc., balanced, inphase
and quadrature (I/Q) or image rejection mixers.
The HMC8412 also features inputs and outputs that are
internally matched to 50 Ω, making the device ideal for surface-
mount technology (SMT)-based, high capacity microwave radio
applications.
The HMC8412 is housed in an RoHS-compliant, 2 mm ×
2 mm, 6-lead LFCSP.


Similar Part No. - HMC8412LP2FE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
HMC8412CHIPS-SX AD-HMC8412CHIPS-SX Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
More results

Similar Description - HMC8412LP2FE

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
0.4-3.0 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD186P3 MMIC-CMD186P3 Datasheet
244Kb / 10P
6-11 GHz Low Noise Amplifier
CMD263P3 MMIC-CMD263P3 Datasheet
244Kb / 10P
5-11 GHz Low Noise Amplifier
CMD309P4 MMIC-CMD309P4 Datasheet
248Kb / 12P
5-11 GHz Low Noise Amplifier
logo
Analog Devices
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
9/2020-Revision 0
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
CMD271P3 QORVO-CMD271P3 Datasheet
251Kb / 12P
6-11 GHz Low Noise Amplifier
CMD309P4 QORVO-CMD309P4 Datasheet
372Kb / 13P
5-11 GHz Low Noise Amplifier
CMD263 QORVO-CMD263 Datasheet
428Kb / 10P
5-11 GHz Low Noise Amplifier
CMD263P3 QORVO-CMD263P3 Datasheet
355Kb / 11P
5-11 GHz Low Noise Amplifier
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com