Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8412LP2FE Datasheet(PDF) 14 Page - Analog Devices

Part # HMC8412LP2FE
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FE Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC8412LP2FE Datasheet HTML 10Page - Analog Devices HMC8412LP2FE Datasheet HTML 11Page - Analog Devices HMC8412LP2FE Datasheet HTML 12Page - Analog Devices HMC8412LP2FE Datasheet HTML 13Page - Analog Devices HMC8412LP2FE Datasheet HTML 14Page - Analog Devices HMC8412LP2FE Datasheet HTML 15Page - Analog Devices HMC8412LP2FE Datasheet HTML 16Page - Analog Devices HMC8412LP2FE Datasheet HTML 17Page - Analog Devices HMC8412LP2FE Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
HMC8412
Data Sheet
Rev. 0 | Page 14 of 18
60
0
0
13
FREQUENCY (GHz)
10
20
30
40
50
1
2
3
4
5
6
7
8
9
10
11
12
2V, 30mA
3V, 40mA
4V, 50mA
5V, 60mA
6V, 75mA
Figure 49. OIP2 vs. Frequency for Various VDD and IDQ Values,
300 MHz to 13 GHz, RBIAS = 1.47 kΩ, POUT per Tone = 0 dBm
60
0
0
0
10
POUT PER TONE (dBm)
2
4
6
8
10
20
30
40
50
1GHz
3GHz
6GHz
10GHz
Figure 50. Third-Order Intermodulation Distortion Relative to Carrier (IMD3)
vs. POUT per Tone for Various Frequencies, VDD = 2 V, RBIAS = 1.47 kΩ
80
0
0
10
POUT PER TONE (dBm)
1GHz
3GHz
6GHz
10GHz
10
20
30
40
50
60
70
2
4
6
8
Figure 51. IMD3 vs. POUT per Tone for Various Frequencies, VDD = 4 V,
RBIAS = 1.47 kΩ
60
0
0
13
FREQUENCY (GHz)
10
20
30
40
50
1
2
3
4
5
6
7
8
9
10
11
12
14k
Ω, 20mA
5.9k
Ω, 30mA
3.3k
Ω, 40mA
2.1k
Ω, 50mA
1.47k
Ω, 60mA
1k
Ω, 70mA
670Ω, 80mA
Figure 52. OIP2 vs. Frequency for Various RBIAS Values and IDQ,
300 MHz to 13 GHz, VDD = 5 V, POUT per Tone = 0 dBm
80
0
0
10
POUT PER TONE (dBm)
1GHz
3GHz
6GHz
10GHz
10
20
30
40
50
60
70
2
4
6
8
Figure 53. IMD3 vs. POUT per Tone for Various Frequencies, VDD = 3 V,
RBIAS = 1.47 kΩ
100
0
0
10
POUT PER TONE (dBm)
1GHz
3GHz
6GHz
10GHz
20
40
60
80
2
4
6
8
Figure 54. IMD3 vs. POUT per Tone for Various Frequencies, VDD = 5 V,
RBIAS = 1.47 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com