Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2179 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 17Page - STMicroelectronics UM2179 Datasheet HTML 18Page - STMicroelectronics UM2179 Datasheet HTML 19Page - STMicroelectronics UM2179 Datasheet HTML 20Page - STMicroelectronics UM2179 Datasheet HTML 21Page - STMicroelectronics UM2179 Datasheet HTML 22Page - STMicroelectronics UM2179 Datasheet HTML 23Page - STMicroelectronics UM2179 Datasheet HTML 24Page - STMicroelectronics UM2179 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
UM2179 Rev 9
21/48
UM2179
Hardware layout and configuration
47
5.5
Power supply and power selection
The power supply is provided either by the host PC through the USB cable or by an external
source: VIN (7 V-12 V), E5V (5 V) or +3.3 V power supply pins on CN8 or CN11. If VIN, E5V
or +3.3 V is used to power a Nucleo-144 board, this power source must comply with the
standard EN-60950-1: 2006+A11/2009 and must be Safety Extra Low Voltage (SELV) with
limited power capability.
If the power supply is +3.3 V, the ST-LINK is not powered and cannot be used.
5.5.1
Power supply input from ST-LINK/V2-1 USB connector
The STM32 Nucleo-144 board and shield can be powered from the ST-LINK USB connector
CN1 (U5V), by placing a jumper between the pins 3 and 4 of JP6, as shown in Table 7:
Power related jumper. Note that only the ST-LINK part is power supplied before the USB
enumeration, as the host PC only provides 100 mA to the board at that time. During the
USB enumeration, the STM32 Nucleo-144 board requires 300 mA of current to the host PC.
If the host is able to provide the required power, the targeted STM32 microcontroller is
powered and the green LED LD6 is turned ON, thus the STM32 Nucleo-144 board and its
shield can consume a maximum current of 300 mA, not more. If the host is not able to
provide the required current, the targeted STM32 microcontroller and the extension boards
are not power supplied. As a consequence the green LED LD6 stays turned OFF. In such
case it is mandatory to use an external power supply as explained in the next section.
After the USB enumeration succeeds, the ST-LINK U5V power is enabled, by asserting the
PWR_EN pin. This pin is connected to a power switch (ST890), which powers the board.
This power switch also features a current limitation to protect the PC if a short-circuit happens
on the board. If an overcurrent (more than 500 mA) happens on the board, the red LED LD5
lits up.
Warning:
If the maximum current consumption of the STM32 Nucleo-
144 board and its shield boards exceed 300 mA, it is
mandatory to power the STM32 Nucleo-144 board, using an
external power supply connected to E5V, VIN or +3.3 V.
Note:
If the board is powered by a USB charger, there is no USB enumeration, so the green LED
LD6 stays in OFF state permanently and the target STM32 is not powered. In this specific
case a jumper must be placed between pins 5 and 6 of JP6, to allow the board to be powered
anyway.
5.5.2
External power supply inputs
Depending on the used voltage, an external power source supplies in three different ways
the STM32 Nucleo-144 board and its shield boards. The three power sources are listed in
Table 6.
When the STM32 Nucleo-144 board is power supplied by VIN or E5V, the jumper configuration
must be as showed below:
Jumper JP6 on pin 1 and pin 2 for E5V or jumper JP6 on pin 7 and pin 8 for VIN
Jumper JP1 OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com