Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2179 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 23Page - STMicroelectronics UM2179 Datasheet HTML 24Page - STMicroelectronics UM2179 Datasheet HTML 25Page - STMicroelectronics UM2179 Datasheet HTML 26Page - STMicroelectronics UM2179 Datasheet HTML 27Page - STMicroelectronics UM2179 Datasheet HTML 28Page - STMicroelectronics UM2179 Datasheet HTML 29Page - STMicroelectronics UM2179 Datasheet HTML 30Page - STMicroelectronics UM2179 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
UM2179 Rev 9
27/48
UM2179
Hardware layout and configuration
47
5.12
USB FS OTG
The STM32 Nucleo-144 board supports the USB OTG as host or as device-full-speed
communication through a USB Micro-AB connector (CN14) and USB power switch (U12)
connected to VBUS.
Warning:
The USB Micro-AB connector (CN14) cannot power a Nucleo-
144 board. To avoid damaging the STM32, it is mandatory to
power the board before connecting a USB cable on CN14.
Otherwise there is a risk of current injection on STM32 I/Os.
A green LED LD8 lits up in one of these cases:
•
Power switch (U12) is ON and STM32 Nucleo-144 board works as a USB host
•
VBUS is powered by another USB host when the STM32 Nucleo-144 board works as a
USB device.
The red LED LD7 lits up if overcurrent occurs when +5 V is enabled on VBUS in USB host
mode.
Note:1
It is recommended to power the Nucleo-144 board with an external power supply when
using the USB OTG or the host function.
Note:2
JP4 must be closed when using the USB OTG FS.
Note:3
Limitation: when the cable is not connected, PA9 (VBUS) is not floating, because internal pull
up of PA12 (D+) impacts PA9 through ESD protection part USBLC6-2SC6 (U13).
For pin configuration refer to Table 9.
Table 9. USB pin configuration
Pin
name
Function
Configuration
when using USB
connector
Configuration
when using ST
morpho connector
Remark
PA8
USB SOF
-
-
Test point TP1
PA9
USB VBUS
SB135 ON
SB135 OFF
-
PA10
USB ID
SB134 ON
SB134 OFF
-
PA11
USB DM
SB142 ON
SB142 OFF
-
PA12
USB DP
SB143 ON
SB143 OFF
-
PG6
USB GPIO OUT
OTG:SB201 OFF,
SB200 ON
OTG:SB200 OFF
OTG:USB power switch
control
PG5
USB GPIO IN
JP4 ON, SB199
OFF SB198 ON
JP4 OFF
USB overcurrent alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com